Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 88Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 89Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 90Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 194 page
background image
Rev. 1.00
9�
�an�a�� ��� �01�
Rev. 1.00
93
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan
alsobecontrolledwithtwoexternalinputpinsandcandrivetwoexternaloutputpins.
fSYS
fSYS/4
fH/64
fH/16
fSUB
STCK
000
001
010
011
100
101
110
111
STCK2~STCK0
16-bit Count-up Counter
8-bit Comparator P
CCRP
b8~b15
b0~b15
16-bit Comparator A
STON
STPAU
Comparator A Match
Comparator P Match
Counter Clear 0
1
Output
Control
Polarity
Control
STP
STOC
STM1, STM0
STIO1, STIO0
STMAF Interrupt
STMPF Interrupt
STPOL
CCRA
STCCLR
Edge
Detector
STPI
STIO1, STIO0
fSUB
Pin
Control
PxSn
STPB
Note: The STPB is the inverted output of the STP.
Standard Type TM Block Diagram
Standard Type TM Operation
ThesizeofStandardTMis16-bitwideanditscoreisa16-bitcount-upcounterwhichisdrivenby
auserselectableinternalorexternalclocksource.Therearealsotwointernalcomparatorswiththe
names,ComparatorAandComparatorP.Thesecomparatorswillcomparethevalueinthecounter
withCCRPandCCRAregisters.TheCCRPcomparatoris8-bitwidewhosevalueiscomparedthe
withhighest8bitsinthecounterwhiletheCCRAisthesixteenbitsandthereforecomparesall
counterbits.
Theonlywayofchangingthevalueofthe16-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheSTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aSTMinterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com