Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F2562 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 194 page
background image
Rev. 1.00
1�
�an�a�� ��� �01�
Rev. 1.00
13
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
Note:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
1.Anydigitalinputsaresetupinanon-floatingcondition.
2.Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
3.TherearenoDCcurrentpaths.
4.AllOperatingCurrentvaluesaremeasuredusingacontinuousNOPinstructionprogramloop.
A.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequencyandtemperatureetc.,canallexertaninfluenceonthemeasuredvalues.
High Speed Internal Oscillator – HIRC – Frequency Accuracy
DuringtheprogramwritingoperationthewriterwilltrimtheHIRCoscillatoratauserselected
HIRCfrequencyanduserselectedvoltageofeither3Vor5V.
4/8/12MHz
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
Temp.
fHIRC
4MHz W�ite� T�immed HIRC F�eq�enc�
3V/5V
�5°C
-1%
4
+1%
MHz
-40°C~70°C
-�%
4
+�%
�.�V~5.5V
�5°C
-�.5%
4
+�.5%
-40°C~70°C
-3%
4
+3%
1.�V~5.5V
�5°C
-4%
4
+4%
-40°C~70°C
-5%
4
+5%
�MHz W�ite� T�immed HIRC F�eq�enc�
3V/5V
�5°C
-1%
�
+1%
MHz
-40°C~70°C
-�%
�
+�%
�.�V~5.5V
�5°C
-�.5%
�
+�.5%
-40°C~70°C
-3%
�
-3%
1�MHz W�ite� T�immed HIRC F�eq�enc�
5V
�5°C
-1%
1�
+1%
MHz
-40°C~70°C
-�%
1�
+�%
�.7V~5.5V
�5°C
-�.5%
1�
+�.5%
-40°C~70°C
-3%
1�
+3%
Note:1.The3V/5VvaluesforVDDareprovidedasthesearethetwoselectablefixedvoltagesatwhichtheHIRC
frequencyistrimmedbythewriter.
2.Therowbelowthe3V/5VtrimvoltagerowisprovidedtoshowthevaluesforthefullVDDrangeoperating
voltage.Itisrecommendedthatthetrimvoltageisfixedat3Vforapplicationvoltagerangesfrom2.2V
to3.6Vandfixedat5Vforapplicationvoltagerangesfrom3.3Vto5.5V.
3.Theminimumandmaximumtolerancevaluesprovidedinthetableareonlyforthefrequencyatwhich
thewritertrimstheHIRCoscillator.Aftertrimmingatthischosenspecificfrequencyanychangein
HIRCoscillatorfrequencyusingtheoscillatorregistercontrolbitsbytheapplicationprogramwillgivea
frequencytolerancetowithin±20%.
Low Speed Internal Oscillator Characteristics – LIRC
Ta=25°C, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temp.
fLIRC
LIRC F�eq�enc�
�.�V~5.5V
�5°C
-5%
3�
+5%
kHz
-40°C~70°C
-10%
3�
+10%
tSTART
LIRC Sta�t Up Time
—
—
—
—
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com