Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 29Page - Texas Instruments TMS320VC5503 Datasheet HTML 30Page - Texas Instruments TMS320VC5503 Datasheet HTML 31Page - Texas Instruments TMS320VC5503 Datasheet HTML 32Page - Texas Instruments TMS320VC5503 Datasheet HTML 33Page - Texas Instruments TMS320VC5503 Datasheet HTML 34Page - Texas Instruments TMS320VC5503 Datasheet HTML 35Page - Texas Instruments TMS320VC5503 Datasheet HTML 36Page - Texas Instruments TMS320VC5503 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 123 page
background image
Functional Overview
33
April 2004 − Revised January 2005
SPRS245C
3.3.1 DMA Channel Control Register (DMA_CCR)
The channel control register (DMA_CCR) bit layouts are shown in Figure 3−4.
15
14
13
12
11
10
9
8
DST AMODE
SRC AMODE
END PROG
Reserved
REPEAT
AUTO INIT
R/W, 00
R/W, 00
R/W, 0
R, 0
R/W, 0
R/W, 0
7654
0
EN
PRIO
FS
SYNC
R/W, 0
R/W, 0
R/W, 0
R/W, 00000
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−4. DMA_CCR Bit Locations
The SYNC[4:0] bits specify the event that can initiate the DMA transfer for the corresponding DMA channel.
The five bits allow several configurations as listed in Table 3−3. The bits are set to zero upon reset. For those
synchronization modes with more than one peripheral listed, the Serial Port Mode bit field of the External Bus
Selection Register dictates which peripheral event is actually connected to the DMA input.
Table 3−3. Synchronization Control Function
SYNC FIELD IN
DMA_CCR
SYNCHRONIZATION MODE
00000b
No event synchronized
00001b
McBSP 0 Receive Event (REVT0)
00010b
McBSP 0 Transmit Event (XEVT0)
00011b
Reserved. These bits should always be written with 0.
00100b
Reserved. These bits should always be written with 0.
00101b
McBSP1 Receive Event (REVT1)
00110b
McBSP1 Transmit Event (XEVT1)
00111b
Reserved. These bits should always be written with 0.
01000b
Reserved. These bits should always be written with 0.
01001b
McBSP2 Receive Event (REVT2)
01010b
McBSP2 Transmit Event (XEVT2)
01011b
Reserved. These bits should always be written with 0.
01100b
Reserved. These bits should always be written with 0.
01101b
Timer 0 Interrupt Event
01110b
Timer 1 Interrupt Event
01111b
External Interrupt 0
10000b
External Interrupt 1
10001b
External Interrupt 2
10010b
External Interrupt 3
10011b
External Interrupt 4 / I2C Receive Event (REVTI2C)†
10100b
I2C Transmit Event (XEVTI2C)
Other values
Reserved (Do not use these values)
† The I2C receive event (REVTI2C) and external interrupt 4 (INT4) share a synchronization input to the DMA. When the SYNC field of the
DMA_CCR is set to 10011b, the logical OR of these two sources is used for DMA synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com