Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 63Page - Texas Instruments TMS320VC5503 Datasheet HTML 64Page - Texas Instruments TMS320VC5503 Datasheet HTML 65Page - Texas Instruments TMS320VC5503 Datasheet HTML 66Page - Texas Instruments TMS320VC5503 Datasheet HTML 67Page - Texas Instruments TMS320VC5503 Datasheet HTML 68Page - Texas Instruments TMS320VC5503 Datasheet HTML 69Page - Texas Instruments TMS320VC5503 Datasheet HTML 70Page - Texas Instruments TMS320VC5503 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 123 page
background image
Electrical Specifications
67
April 2004 − Revised January 2005
SPRS245C
5.2.2 Recommended Operating Conditions for CVDD = 1.35 V (144 MHz)
MIN
NOM
MAX
UNIT
Core
CVDD
Device supply voltage
1.28
1.35
1.42
V
Peripherals
RCVDD
RTC module supply voltage, core
1.28
1.35
1.42
V
RDVDD
RTC module supply voltage, I/O (RTCINX1 and RTCINX2)
1.28
1.35
1.42
V
DVDD
Device supply voltage, I/O (except SDA and SCL)†
2.7
3.3
3.6
V
Grounds
VSS
Supply voltage, GND, I/O, and core
0
V
VIH
High-level input voltage, I/O
SDA & SCL: VDD related input
levels†
0.7*DVDD
DVDD(max) +0.5
V
VIH
High-level input voltage, I/O
All other inputs
(including hysteresis inputs)
2.0
DVDD + 0.3
V
VIL
Low-level input voltage, I/O
SDA &SCL: VDD related input
levels†
−0.5
0.3 * DVDD
V
VIL
Low-level input voltage, I/O
All other inputs
(including hysteresis inputs)
−0.3
0.8
V
Vhys
Hysteresis level
Inputs with hysteresis only
0.1*DVDD
V
IOH
High-level output current
All outputs
−4
mA
IOL
Low-level output current
SDA and SCL†
3
mA
IOL
Low-level output current
All other outputs
4
mA
TC
Operating case temperature
−40
85
_C
† The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered down.
Due to the fact that different voltage devices can be connected to the I2C bus, the level of logic 0 (low) and logic 1 (high) are not fixed and
depends on the associated VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com