Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 77Page - Texas Instruments TMS320VC5503 Datasheet HTML 78Page - Texas Instruments TMS320VC5503 Datasheet HTML 79Page - Texas Instruments TMS320VC5503 Datasheet HTML 80Page - Texas Instruments TMS320VC5503 Datasheet HTML 81Page - Texas Instruments TMS320VC5503 Datasheet HTML 82Page - Texas Instruments TMS320VC5503 Datasheet HTML 83Page - Texas Instruments TMS320VC5503 Datasheet HTML 84Page - Texas Instruments TMS320VC5503 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 123 page
background image
Electrical Specifications
81
April 2004 − Revised January 2005
SPRS245C
5.7.2 Synchronous DRAM (SDRAM) Timings
Table 5−9 and Table 5−10 assume testing over recommended operating conditions (see Figure 5−8 through
Figure 5−14).
Table 5−9. Synchronous DRAM Cycle Timing Requirements
NO.
CVDD = 1.2 V
CVDD = 1.35 V
CVDD = 1.6 V
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
M19
tsu(DV-CLKMEMH)
Setup time, read data valid before CLKMEM high
3
3
ns
M20
th(CLKMEMH-DV)
Hold time, read data valid after CLKMEM high
2
2
ns
M21
tc(CLKMEM)
Cycle time, CLKMEM
9.26†
7.52‡
ns
† Maximum SDRAM operating frequency = 108 MHz. Actual attainable maximum operating frequency will depend on the quality of the PC board
design and the memory chip timing requirement.
‡ Maximum SDRAM operating frequency = 133 MHz. Actual attainable maximum operating frequency will depend on the quality of the PC board
design and the memory chip timing requirement.
Table 5−10. Synchronous DRAM Cycle Switching Characteristics
NO.
PARAMETER
CVDD = 1.2 V
CVDD = 1.35 V
CVDD = 1.6 V
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
M22
td(CLKMEMH-CEL)
Delay time, CLKMEM high to CEx low
1.2
7
1.2
5
ns
M23
td(CLKMEMH-CEH)
Delay time, CLKMEM high to CEx high
1.2
7
1.2
5
ns
M24
td(CLKMEMH-BEV)
Delay time, CLKMEM high to BEx valid
1.2
7
1.2
5
ns
M25
td(CLKMEMH-BEIV)
Delay time, CLKMEM high to BEx invalid
1.2
7
1.2
5
ns
M26
td(CLKMEMH-AV)
Delay time, CLKMEM high to address valid
1.2
7
1.2
5
ns
M27
td(CLKMEMH-AIV)
Delay time, CLKMEM high to address invalid
1.2
7
1.2
5
ns
M28
td(CLKMEMH-SDCASL)
Delay time, CLKMEM high to SDCAS low
1.2
7
1.2
5
ns
M29
td(CLKMEMH-SDCASH)
Delay time, CLKMEM high to SDCAS high
1.2
7
1.2
5
ns
M30
td(CLKMEMH-DV)
Delay time, CLKMEM high to data valid
1.2
7
1.2
5
ns
M31
td(CLKMEMH-DIV)
Delay time, CLKMEM high to data invalid
1.2
7
1.2
5
ns
M32
td(CLKMEMH-SDWEL)
Delay time, CLKMEM high to SDWE low
1.2
7
1.2
5
ns
M33
td(CLKMEMH-SDWEH)
Delay time, CLKMEM high to SDWE high
1.2
7
1.2
5
ns
M34
td(CLKMEMH-SDA10V)
Delay time, CLKMEM high to SDA10 valid
1.2
7
1.2
5
ns
M35
td(CLKMEMH-SDA10IV)
Delay time, CLKMEM high to SDA10 invalid
1.2
7
1.2
5
ns
M36
td(CLKMEMH-SDRASL)
Delay time, CLKMEM high to SDRAS low
1.2
7
1.2
5
ns
M37
td(CLKMEMH-SDRASH)
Delay time, CLKMEM high to SDRAS high
1.2
7
1.2
5
ns
M38
td(CLKMEMH–CKEL)
Delay time, CLKMEM high to CKE low
1.2
7
1.2
5
ns
M39
td(CLKMEMH–CKEH)
Delay time, CLKMEM high to CKE high
1.2
7
1.2
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com