Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 45Page - Texas Instruments TMS320VC5503 Datasheet HTML 46Page - Texas Instruments TMS320VC5503 Datasheet HTML 47Page - Texas Instruments TMS320VC5503 Datasheet HTML 48Page - Texas Instruments TMS320VC5503 Datasheet HTML 49Page - Texas Instruments TMS320VC5503 Datasheet HTML 50Page - Texas Instruments TMS320VC5503 Datasheet HTML 51Page - Texas Instruments TMS320VC5503 Datasheet HTML 52Page - Texas Instruments TMS320VC5503 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
Functional Overview
49
April 2004 − Revised January 2005
SPRS245C
Table 3−18. DMA Configuration Registers
PORT ADDRESS
(WORD)
REGISTER NAME
DESCRIPTION
RESET VALUE†
GLOBAL REGISTER
0x0E00
DMA_GCR[2:0]
DMA Global Control Register
xxxx xxxx xxxx x000
0x0E02
DMA_GSCR
DMA Software Compatibility Register
0x0E03
DMA_GTCR
DMA Timeout Control Register
CHANNEL #0 REGISTERS
0x0C00
DMA_CSDP0
DMA Channel 0 Source Destination
Parameters Register
0000 0000 0000 0000
0x0C01
DMA_CCR0[15:0]
DMA Channel 0 Control Register
0000 0000 0000 0000
0x0C02
DMA_CICR0[5:0]
DMA Channel 0 Interrupt Control Register
xxxx xxxx xx00 0011
0x0C03
DMA_CSR0[6:0]
DMA Channel 0 Status Register
xxxx xxxx xx00 0000
0x0C04
DMA_CSSA_L0
DMA Channel 0 Source Start Address Register
(lower bits)
Undefined
0x0C05
DMA_CSSA_U0
DMA Channel 0 Source Start Address Register
(upper bits)
Undefined
0x0C06
DMA_CDSA_L0
DMA Channel 0 Source Destination Address Register
(lower bits)
Undefined
0x0C07
DMA_CDSA_U0
DMA Channel 0 Source Destination Address Register
(upper bits)
Undefined
0x0C08
DMA_CEN0
DMA Channel 0 Element Number Register
Undefined
0x0C09
DMA_CFN0
DMA Channel 0 Frame Number Register
Undefined
0x0C0A
DMA_CSFI0
DMA Channel 0 Source Frame Index Register
Undefined
0x0C0B
DMA_CSEI0
DMA Channel 0 Source Element Index Register
Undefined
0x0C0C
DMA_CSAC0
DMA Channel 0 Source Address Counter
Undefined
0x0C0D
DMA_CDAC0
DMA Channel 0 Destination Address Counter
Undefined
0x0C0E
DMA_CDEI0
DMA Channel 0 Destination Element Index Register
Undefined
0x0C0F
DMA_CDFI0
DMA Channel 0 Destination Frame Index Register
Undefined
† Hardware reset: x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com