Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 49Page - Texas Instruments TMS320VC5503 Datasheet HTML 50Page - Texas Instruments TMS320VC5503 Datasheet HTML 51Page - Texas Instruments TMS320VC5503 Datasheet HTML 52Page - Texas Instruments TMS320VC5503 Datasheet HTML 53Page - Texas Instruments TMS320VC5503 Datasheet HTML 54Page - Texas Instruments TMS320VC5503 Datasheet HTML 55Page - Texas Instruments TMS320VC5503 Datasheet HTML 56Page - Texas Instruments TMS320VC5503 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
Functional Overview
53
April 2004 − Revised January 2005
SPRS245C
Table 3−20. Clock Generator
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x1C00
CLKMD[14:0]
Clock Mode Register
0010 0000 0000 0010 DIV1 mode
† Hardware reset; x denotes a “don’t care.”
Table 3−21. Timers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x1000
TIM0[15:0]
Timer Count Register, Timer #0
1111 1111 1111 1111
0x1001
PRD0[15:0]
Period Register, Timer #0
1111 1111 1111 1111
0x1002
TCR0[15:0]
Timer Control Register, Timer #0
0000 0000 0001 0000
0x1003
PRSC0[15:0]
Timer Prescaler Register, Timer #0
xxxx 0000 xxxx 0000
0x2400
TIM1[15:0]
Timer Count Register, Timer #1
1111 1111 1111 1111
0x2401
PRD1[15:0]
Period Register, Timer #1
1111 1111 1111 1111
0x2402
TCR1[15:0]
Timer Control Register, Timer #1
0000 0000 0001 0000
0x2403
PRSC1[15:0]
Timer Prescaler Register, Timer #1
xxxx 0000 xxxx 0000
† Hardware reset; x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com