Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 59Page - Texas Instruments TMS320VC5503 Datasheet HTML 60Page - Texas Instruments TMS320VC5503 Datasheet HTML 61Page - Texas Instruments TMS320VC5503 Datasheet HTML 62Page - Texas Instruments TMS320VC5503 Datasheet HTML 63Page - Texas Instruments TMS320VC5503 Datasheet HTML 64Page - Texas Instruments TMS320VC5503 Datasheet HTML 65Page - Texas Instruments TMS320VC5503 Datasheet HTML 66Page - Texas Instruments TMS320VC5503 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 123 page
background image
Support
63
April 2004 − Revised January 2005
SPRS245C
4
Support
4.1
Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
4.1.1 Initialization Requirements for Boundary Scan Test
The TMS320VC5503 uses the JTAG port for boundary scan tests, emulation capability and factory test
purposes. To use boundary scan test, the EMU0 and EMU1/OFF pins must be held HIGH through a rising edge
of the TRST signal prior to the first scan. This operation selects the appropriate TAP control for boundary scan.
If at any time during a boundary scan test a rising edge of TRST occurs when EMU0 or EMU1/OFF are not
high, a factory test mode may be selected preventing boundary scan test from being completed. For this
reason, it is recommended that EMU0 and EMU1/OFF be pulled or driven high at all times during boundary
scan test.
4.1.2 Boundary Scan Description Language (BSDL) Model
BSDL models are available on the web in the TMS320VC5503 product folder under the “simulation models”
section.
4.2
Documentation Support
Extensive documentation supports all TMS320
 DSP family of devices from product announcement through
applications development. The following types of documentation are available to support the design and use
of the TMS320C5000
 platform of DSPs:
•
TMS320C55x
 DSP Functional Overview (literature number SPRU312)
•
Device-specific data sheets and data manuals
•
Complete user’s guides
•
Development support tools
•
Hardware and software application reports
TMS320C55x reference documentation includes, but is not limited to, the following:
•
TMS320C55x DSP CPU Reference Guide (literature number SPRU371)
•
TMS320C55x DSP Mnemonic Instruction Set Reference Guide (literature number SPRU374)
•
TMS320C55x DSP Algebraic Instruction Set Reference Guide (literature number SPRU375)
•
TMS320C55x DSP Programmer’s Guide (literature number SPRU376)
•
TMS320C55x DSP Peripherals Overview Reference Guide (literature number SPRU317)
•
TMS320C55x Optimizing C/C++ Compiler User’s Guide (literature number SPRU281)
•
TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280)
•
TMS320C55x DSP Library Programmer’s Reference (literature number SPRU422)
•
Using the TMS320VC5503/VC5507/VC5509/VC5509A Bootloader application report (literature number
SPRA375)
The reference guides describe in detail the TMS320C55x
 DSP products currently available and the
hardware and software applications, including algorithms, for fixed-point TMS320
 DSP family of devices.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320
 DSP newsletter, Details on Signal Processing, is
published quarterly and distributed to update TMS320
 DSP customers on product information.
Information regarding TI DSP products is also available on the Worldwide Web at http://www.ti.com uniform
resource locator (URL).
TMS320 and TMS320C5000 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com