Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 69Page - Texas Instruments TMS320VC5503 Datasheet HTML 70Page - Texas Instruments TMS320VC5503 Datasheet HTML 71Page - Texas Instruments TMS320VC5503 Datasheet HTML 72Page - Texas Instruments TMS320VC5503 Datasheet HTML 73Page - Texas Instruments TMS320VC5503 Datasheet HTML 74Page - Texas Instruments TMS320VC5503 Datasheet HTML 75Page - Texas Instruments TMS320VC5503 Datasheet HTML 76Page - Texas Instruments TMS320VC5503 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
Electrical Specifications
73
April 2004 − Revised January 2005
SPRS245C
5.6
Clock Options
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two or four
or multiplied by one of several values to generate the internal machine cycle.
5.6.1 Internal System Oscillator With External Crystal
The internal oscillator is always enabled following a device reset. The oscillator requires an external crystal
connected across the X1 and X2/CLKIN pins. If the internal oscillator is not used, an external clock source
must be applied to the X2/CLKIN pin and the X1 pin should be left unconnected. Since the internal oscillator
can be used as a clock source to the PLLs, the crystal oscillation frequency can be multiplied to generate the
CPU clock, if desired.
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective series
resistance (ESR) specified in Table 5−1. The connection of the required circuit is shown in Figure 5−2. Under
some conditions, all the components shown are not required. The capacitors, C1 and C2, should be chosen
such that the equation below is satisfied. CL in the equation is the load specified for the crystal that is also
specified in Table 5−1.
C
L
+
C
1C2
(C
1
) C
2)
X2/CLKIN
X1
C1
C2
Crystal
RS
Figure 5−2. Internal System Oscillator With External Crystal
Table 5−1. Recommended Crystal Parameters
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)
TYP CLOAD (pF)
MAX CSHUNT (pF)
RS (Ω)
20−15
20
10
7
0
15−12
30
16
7
0
12−10
40
16
7
100
10−8
60
18
7
470
8−6
80
18
7
1.5k
6−5
80
18
7
2.2k
Although the recommended ESR presented in Table 5−1 is maximum, theoretically a crystal with a lower
maximum ESR might seem to meet the requirement. It is recommended that crystals which meet the
maximum ESR specification in Table 5−1 are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com