Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5503 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5503
Description  Fixed-Point Digital Signal Processor
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5503 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320VC5503 Datasheet HTML 93Page - Texas Instruments TMS320VC5503 Datasheet HTML 94Page - Texas Instruments TMS320VC5503 Datasheet HTML 95Page - Texas Instruments TMS320VC5503 Datasheet HTML 96Page - Texas Instruments TMS320VC5503 Datasheet HTML 97Page - Texas Instruments TMS320VC5503 Datasheet HTML 98Page - Texas Instruments TMS320VC5503 Datasheet HTML 99Page - Texas Instruments TMS320VC5503 Datasheet HTML 100Page - Texas Instruments TMS320VC5503 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
Electrical Specifications
97
April 2004 − Revised January 2005
SPRS245C
Table 5−24. McBSP0 Switching Characteristics†‡
NO.
PARAMETER
CVDD = 1.2 V
CVDD = 1.35 V
CVDD = 1.6 V
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
MC1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X int
2P
2P
ns
MC3
tr(CKRX)
Rise time, CLKR/X
CLKR/X int
1
1
ns
MC4
tf(CKRX)
Fall time, CLKR/X
CLKR/X int
1
1
ns
MC11
tw(CKRXH)
Pulse duration, CLKR/X high
CLKR/X int
D−2§
D+2§
D−1§
D+1§
ns
MC12
tw(CKRXL)
Pulse duration, CLKR/X low
CLKR/X int
C−2§
C+2§
C−1§
C+1§
ns
MC13
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR int
−2
1
−2
1
ns
MC13
td(CKRH-FRV)
Delay time, CLKR high to internal FSR valid
CLKR ext
4
13
4
8
ns
MC14
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX int
−2
2
−2
2
ns
MC14
td(CKXH-FXV)
Delay time, CLKX high to internal FSX valid
CLKX ext
4
15
4
9
ns
MC15
tdis(CKXH-DXHZ)
Disable time, DX high-impedance from CLKX high
CLKX int
0
5
−5
1
ns
MC15
tdis(CKXH-DXHZ)
Disable time, DX high-impedance from CLKX high
following last data bit
CLKX ext
10
18
3
11
ns
Delay time, CLKX high to DX valid.
CLKX int
5
4
Delay time, CLKX high to DX valid.
This applies to all bits except the first bit transmitted.
CLKX ext
15
9
MC16
t
Delay time, CLKX high to DX
valid
DXENA = 0
CLKX int
4
2
ns
MC16
td(CKXH-DXV)
valid
DXENA = 0
CLKX ext
13
7
ns
Only applies to first bit transmitted
when in Data Delay 1 or 2
DXENA = 1
CLKX int
2P + 1
2P + 1
when in Data Delay 1 or 2
(XDATDLY = 01b or 10b) modes
DXENA = 1
CLKX ext
2P + 4
2P + 3
Enable time, DX driven from CLKX
high
DXENA = 0
CLKX int
−1
−3
MC17
ten(CKXH-DX)
high
DXENA = 0
CLKX ext
6
3
ns
MC17
ten(CKXH-DX)
Only applies to first bit transmitted
when in Data Delay 1 or 2
DXENA = 1
CLKX int
P − 1
P − 3
ns
when in Data Delay 1 or 2
(XDATDLY= 01b or 10b) modes
DXENA = 1
CLKX ext
P + 6
P + 3
Delay time, FSX high to DX valid
DXENA = 0
FSX int
2
2
MC18
td(FXH-DXV)
Only applies to first bit transmitted
DXENA = 0
FSX ext
13
8
ns
MC18
td(FXH-DXV)
Only applies to first bit transmitted
when in Data Delay 0 (XDATDLY=
DXENA = 1
FSX int
2P + 1
2P + 1
ns
when in Data Delay 0 (XDATDLY=
00b) mode.
DXENA = 1
FSX ext
2P + 10
2P + 10
Enable time, DX driven from FSX
high
DXENA = 0
FSX int
0
0
MC19
ten(FXH-DX)
high
DXENA = 0
FSX ext
8
3
ns
MC19
ten(FXH-DX)
Only applies to first bit transmitted
when in Data Delay 0 (XDATDLY=
DXENA = 1
FSX int
P − 3
P − 3
ns
when in Data Delay 0 (XDATDLY=
00b) mode
DXENA = 1
FSX ext
P + 8
P + 4
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ P = 1/CPU clock frequency. For example, when running parts at 200 MHz, use P = 5 ns.
§ T=CLKRX period = (1 + CLKGDV) * P
C=CLKRX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * P when CLKGDV is even
D=CLKRX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
See the TMS320C55x DSP Peripherals Overview Reference Guide (literature number SPRU317) for a description of the DX enable (DXENA)
and data delay features of the McBSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com