Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360L Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # MB9B360L
Description  32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360L Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button MB9B360L Datasheet HTML 98Page - Cypress Semiconductor MB9B360L Datasheet HTML 99Page - Cypress Semiconductor MB9B360L Datasheet HTML 100Page - Cypress Semiconductor MB9B360L Datasheet HTML 101Page - Cypress Semiconductor MB9B360L Datasheet HTML 102Page - Cypress Semiconductor MB9B360L Datasheet HTML 103Page - Cypress Semiconductor MB9B360L Datasheet HTML 104Page - Cypress Semiconductor MB9B360L Datasheet HTML 105Page - Cypress Semiconductor MB9B360L Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
Document Number: 002-04930 Rev.*B
Page 102 of 128
MB9B360L Series
12.4.15 JTAG Timing
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
TMS, TDI setup time
tJTAGS
TCK,
TMS, TDI
VCC
≥ 4.5 V
15
-
ns
VCC < 4.5 V
TMS, TDI hold time
tJTAGH
TCK,
TMS, TDI
VCC
≥ 4.5 V
15
-
ns
VCC < 4.5 V
TDO delay time
tJTAGD
TCK,
TDO
VCC
≥ 4.5 V
-
25
ns
VCC < 4.5 V
-
45
Note:
−
When the external load capacitance CL= 30 pF.
VOH
VOH
VOL
VOL
VOH
VOL
VOH
VOL
tJTAGS
tJTAGD
tJTAGH
TCK
TMS/TDI
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com