Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4026 Datasheet HTML 1Page - Monolithic Power Systems MP4026 Datasheet HTML 2Page - Monolithic Power Systems MP4026 Datasheet HTML 3Page - Monolithic Power Systems MP4026 Datasheet HTML 4Page - Monolithic Power Systems MP4026 Datasheet HTML 5Page - Monolithic Power Systems MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
4
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are at VCC = 20V, TJ = +25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
VCC
After turn on
12
28
V
Turn-On Threshold
VCC_ON
VCC rising edge
23
24.9
28
V
Turn-Off Threshold
VCC_OFF
VCC falling edge
8.2
9.3
10.8
V
Hysteretic Voltage
VCC_HYS
14.2
15.6
17.3
V
Supply Current
Start-up Current
ISTARTUP
VCC= VCC_ON -1V
20
50
µA
Quiescent Current
IQ
No switching
0.6
0.82
mA
Operating Current Under Fault
Condition
No switching
2
mA
Operating Current
ICC
fs =70kHz, CGATE=1nF
2
3
mA
Multiplier
Linear Operation Range
VMULT
0
3
V
Gain
K
(5)
1.3
1/V
Brown-Out Protection Threshold
280
300
316
mV
Brown-Out Detection Time
25
42
60
ms
Brown-Out-Protection-Hysteretic
Voltage
90
100
110
mV
Error Amplifier
Feedback Voltage
VFB
0.401
0.413
0.425
V
Transconductance
(6)
GEA
125
µA/V
Upper Clamp Voltage
VCOMP_H
4.5
4.75
5.1
V
Lower Clamp Voltage
VCOMP_L
1.42
1.5
1.58
V
Max. Source Current
(6)
ICOMP
50
µA
Max. Sink Current
(6)
ICOMP
-200
µA
Current Sense Comparator and Zero Current Detector
CS/ZCD Bias Current
IBIAS_CS/ZCD
500
nA
Leading-Edge-Blanking Time
tLEB_CS
200
320
550
ns
Current-Sense-Clamp Voltage
VCS_CLAMP
1.9
2.0
2.1
V
Over-Current-Protection,
Leading-Edge-Blanking Time
tLEB_CSOCP
130
200
380
ns
Over-Current-Protection
Threshold
VCS_OCP
2.4
2.5
2.6
V
Zero-Current-Detection
Threshold
VZCD_T
VZCD falling edge
0.270
0.295
0.318
V
Zero-Current-Detect Hysteresis
VZCD_HYS
562
595
628
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com