Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 2Page - Monolithic Power Systems MP4026 Datasheet HTML 3Page - Monolithic Power Systems MP4026 Datasheet HTML 4Page - Monolithic Power Systems MP4026 Datasheet HTML 5Page - Monolithic Power Systems MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems MP4026 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
6
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 90V-265V, VOUT = 10-20V, ILED=350mA, TA = 25°C, unless otherwise noted.
Line/Load Regulation
0.345
0.347
0.349
0.351
0.353
0.355
0.357
0.359
90 120 150 180 210 240 270
VIN (VAC)
VIN (VAC)
3LEDs
5LEDs
4LEDs
6LEDs
Efficiency
PF @Full Load
0.75
0.77
0.79
0.81
0.83
0.85
0.87
90 120 150 180 210 240 270
4LEDs
3LEDs
5LEDs
6LEDs
0.9
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
90 120 150 180 210 240 270
VIN (VAC)
VCS/ZCD
2V/div.
VCS/ZCD
2V/div.
VGATE
10V/div.
VCOMP
1V/div.
ILED
200mA/div.
Steady State
VIN =110V
VDRAIN
100V/div.
VGATE
10V/div.
Steady State
VIN =110V
VIN
100V/div.
IIN
100mA/div.
Steady State
VIN =110V
Steady State
VIN =230V
Steady State
VIN =230V
VCS/ZCD
2V/div.
VGATE
10V/div.
VCOMP
1V/div.
ILED
200mA/div.
VCS/ZCD
2V/div.
VDRAIN
200V/div.
VGATE
10V/div.
VFB Temperature Tendency
0.41
0.411
0.412
0.413
0.414
0.415
0.416
-40
-10
20
50
80 110 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com