Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 4Page - Monolithic Power Systems MP4026 Datasheet HTML 5Page - Monolithic Power Systems MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
8
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin
Name
Description
1
VCC
Power Supply. Supplies power for the control signals and the high-current
MOSFET. Bypass to ground with an external bulk capacitor (typically 4.7µF).
2
MULT
Input Voltage Sense. Connect to the tap of resistor divider between the rectified AC
line and GND. The half-wave sinusoid provides a reference signal for the internal-
current-control loop.
The MULT pin is also used for brown-out protection detection.
3
COMP
Loop Compensation. Connect a compensation network to stabilize the LED driver
and maintain an accurate LED current.
4
GND
Ground. Current return for the control signal and the gate-drive signal.
5
CS/ZCD
Current Sense or Zero-Current Detection. When the gate driver turns on, a sensing
resistor senses the MOSFET current. The comparison between the sensed voltage
and the internal sinusoidal-current reference determines when the MOSFET turns
off. If the pin voltage exceeds the current limit (2.0V, after turn-on blanking) the gate
drive turns off.
When the gate driver turns off, the negative falling-edge (after the blanking time)
triggers the external MOSFET’s turn-on signal. Connect this pin to a resistor divider
though a diode between the auxiliary winding and GND.
Over-voltage condition is detected through ZCD. For every turn-off interval, if the
ZCD voltage exceeds the over-voltage-protection threshold after the 1.6µs
(Vmult_o >0.3V) or 0.8µs (Vmult_o ≤0.3V) blanking time, over-voltage protection triggers
and the system stops switching until auto-restart.
CS/ZCD is also used for primary-side over-current-protection, if the sensing voltage
reaches to 2.5V after a blanking time at gate turn-on interval, the primary-side over-
current-protection triggers and the system stops switching until auto-restart.
A 10pF ceramic cap is recommended to connect from CS/ZCD to GND to bypass
the high frequency noise. In order to reduce the RC delay influence to the sample
accuracy of the current sensing signal, the CS/ZCD down side resistance (RZCD2 in
figure 7) is suggested to be selected as small as 1kΩ.
6
GATE
Gate Drive Output. This totem-pole output stage can drive a high-power MOSFET
with a peak current of 0.8A source and 1A sink. The high-voltage limit is clamped to
14.5V to avoid excessive gate-drive voltage. The low-voltage is higher than 6.7V to
guarantee a sufficient drive capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com