Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems MP4026 Datasheet HTML 13Page - Monolithic Power Systems MP4026 Datasheet HTML 14Page - Monolithic Power Systems MP4026 Datasheet HTML 15Page - Monolithic Power Systems MP4026 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
12
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The output-OVP-set point is then:
⋅⋅
=
+
AUX
ZCD2
OUT _ OVP
SEC
ZCD1
ZCD2
NR
V5.1V
NR
R
Where:
• VOUT_OVP
is
the
output-over-voltage-
protection point,
• NAUX is the number of auxiliary-winding
turns, and
• NSEC is the number of secondary-winding
turns.
R1
RZCD2
RZCD1
Gate
CS/ZCD
5.1V
+
-
Latch
OVP
Blanking time
Gate_OFF
Figure 7: OVP Sampling Unit
To prevent a voltage spike from mis-triggering
OVP after the switch turns off, OVP sampling
has a tLEB_OVP blanking period (typically 1.6µs
when VMULT_O > 0.3V and 0.8µs when VMULT_O
0.3V) as shown in Figure 8.
VCS/ZCD
0V
Sampling Here
t
LE B _OV P
Figure 8: ZCD Voltage and OVP Sampler
Output Short-Circuit Protection
If an output short occurs, the ZCD can not
detect the transformer’s zero-current-crossing
point, so the 190μs auto-restart timer triggers
the power MOSFET’s turn-on signal. Then the
switching frequency of the power circuit drops
to about 5kHz, and the output current is limited
to its nominal current. The auxiliary-winding
voltage drops to follow the secondary-winding
voltage, VCC drops to less than the UV threshold,
and the system restarts. This sequence limits
the output power and IC temperature rise if an
output short occurs.
Primary-Side Over-Current Protection
The
primary-side
over-current
protection
prevents device damage caused by extremely
excessive current, like primary winding short. If
the CS/ZCD pin voltage rising to 2.5V at gate
turn on interval, as shown in Figure 9, the
primary-side over-current protection signal will
be triggered and latched, the gate driver will be
turned off and the IC works at quiescent mode,
the VCC voltage dropped below the UVLO which
will make the IC shut down, and the system
restarts again.
To
avoid
mis-trigger
by
the
parasitic
capacitances discharging when the MOSFET
turns on, a LEB time is needed, this LEB time is
relatively
smaller
than
current
regulation
sensing LEB time, typical 200ns.
R1
RZCD2
RZCD1
Gate
CS/ZCD
2.5V
+
-
Latch
OCP
Blanking time
Gate_ON
Figure 9: Primary-side OCP Sampling Unit
Brown-Out Protection
The MP4026 has brown-out protection: the
internal peak detector detects the peak value of
the rectified sinusoid waveform in MULT pin. If
the peak value is less than the brown-out-
protection threshold 0.3V for 42ms, the IC
recognizes this condition as a brown-out,
quickly drops the COMP voltage to zero, and
disables the power circuit. If the peak value
exceeds 0.4V, the IC restarts and the COMP
voltage rises softly again. This feature prevents
both the transformer and LED currents from
saturating during fast ON/OFF switching. Figure
10 shows the brown-out waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com