Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems MP4026 Datasheet HTML 13Page - Monolithic Power Systems MP4026 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
10
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP4026 is a primary-side-controlled, offline
LED controller for high-performance LED
lighting. It has primary-side real-current control
for accurate LED current regulation. It also has
active power factor correction (PFC) to
eliminate harmonic noise on the AC line. The
rich protections can achieve a high safety and
reliability in real application.
Start Up
Initially, AC line charges up VCC through the
start-up resistor. When VCC reaches 24.9V, the
control logic starts. Then the power supply is
taken over by the auxiliary winding when the
voltage of auxiliary winding builds up.
The MP4026 will shut down when VCC drops
below 9.3V.
The high hysteretic voltage allows for a small
VCC capacitor (typically 4.7μF) to shorten the
start-up time.
Valley Switching Mode
During the external MOSFET ON-time (tON), the
rectified-input voltage (VBUS) charges the
primary-side inductor (LP) causing the primary-
side current (IPRI) to increase linearly from zero
to peak value (IPK). When the MOSFET turns off,
the energy stored in the inductor is transferred
to the secondary-side, which activates the
secondary-side diode to power the load. The
secondary current (ISEC) decreases linearly from
its peak value to zero. When the secondary
current decreases to zero, the MOSFET drain-
source voltage starts oscillating, which is
caused
by
the
primary-side
magnetizing
inductance and parasitic capacitances—the
voltage ring also is reflected on the auxiliary
winding (see Figure 2). To improve primary-
control precision, the chip monitors when ZCD
voltage falls to zero twice before the next
switching period. The zero-current detector
from CS/ZCD generates GATE turn-on signal
when the ZCD voltage falls below 0.295V the
second time (see Figure 3).
This virtually eliminates switch turn-on loss and
diode reverse-recovery losses, ensuring high
efficiency and low EMI noise.
VDRAIN
tOFF
0
tON
VBUS+NVOUT
VBUS
Magnetizing
Current
IPRI
ISEC/N
Turn On
VCS/ZCD
Figure 2: Valley Switching Mode
Figure 3: Zero-Current Detector
Real-Current Control
The proprietary real-current-control method
allows the MP4026 to control the secondary-
side LED current using primary-side information.
The mean output LED current is approximately:
FB
o
s
NV
I
2R
⋅
≈
⋅
Where:
• N is the primary-side-to-secondary-side turn
ratio,
• VFB is the feedback reference voltage
(typically 0.413V), and
• Rs is the sensing resistor connected
between the MOSFET source and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com