Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems MP4026 Datasheet HTML 13Page - Monolithic Power Systems MP4026 Datasheet HTML 14Page - Monolithic Power Systems MP4026 Datasheet HTML 15Page - Monolithic Power Systems MP4026 Datasheet HTML 16Page - Monolithic Power Systems MP4026 Datasheet HTML 17Page - Monolithic Power Systems MP4026 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
14
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
NON-ISOLATED APPLICATIONS
The isolated solution can prevent human body
from an electric shock by grid when touching
the load. But the power loss and the cost are
increased. Recur to safety enclosure frame of
the lamp, compared with isolated solution, the
non-isolated
solution
can
achieve
higher
efficiency and highly cost-effective.
Generally, the Flyback converter is common for
the offline isolated applications. As topology
transmutation, the non-isolated low-side Buck-
boost converter is also popular. Besides fitting
in isolated application, the MP4026 can also
operate in the offline non-isolated LED lighting
applications.
Figure 16 is a 30W low-side Buck-boost LED
driver with MP4026.
Operation of Low-side Buck-boost
The low-side Buck-boost can be treated as
Flyback converter with 1:1 turn ratio transformer.
So, the whole operation is absolutely same as
the description above. Different from isolated
solution, there are no separate primary- and
secondary-winding, so a smaller core size is
available for design. Without the impact of the
leakage
inductance,
the
snubber
is
unnecessary. All of these can save cost and
improve the efficiency of the driver.
The Selection of FET & Rectifier Diode
Since it is just an inductor for non-isolated
solution, compared with isolated solution, at
same output voltage, the power FET can be
selected
with
lower
voltage
rating.
But,
oppositely, the voltage rating of rectifier diodes
for output and aux-winding must be increased.
Improvement of RF EMI
CY1 in Figure 16 is added for RF EMI
improvement. The recommended value is from
10nF to 47nF with 630V rating.
Improvement of PFC & THD
The impact of non-turn-ratio is that the duty
cycle of the converter becomes smaller at same
spec. Based on MP4026 PFC principle, the PF
and THD of the converter drops compared with
isolated solution. So, generally, the non-isolated
solution is especially suitable for high output
voltage, since the higher output voltage can
extend the duty cycle to improve the PF and
THD and the efficiency can also be improved
meanwhile.
For the non-isolated solution with low output
voltage, the tapped-inductor can be applied to
improve the PF and THD.
Figure 11: Tapped-inductor for Low-side Buck-
boost Solution
Shown in Figure 11, the tapped-inductor
includes two windings (N1 & N2) and a tap to
connect the rectifier diode. When the power
FET is turned on, the current goes thru both of
the windings. But when the power FET is off,
just N1 conducts the current thru the rectifier
diode. The stored energy of N2 is released by
flux couple. So, the tapped-inductor features a
similar turn-ratio like the transformer in isolated
solution.
The nominal turn-ratio is
+
=
>
N1 N2
n1
N1
The duty cycle of the converter is obviously
extended by tapped-inductor, and then the
better PF and THD are available.
But, like transformer, the snubber is necessary
to clamp the voltage spike caused by leakage
inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com