Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4026 Datasheet HTML 1Page - Monolithic Power Systems MP4026 Datasheet HTML 2Page - Monolithic Power Systems MP4026 Datasheet HTML 3Page - Monolithic Power Systems MP4026 Datasheet HTML 4Page - Monolithic Power Systems MP4026 Datasheet HTML 5Page - Monolithic Power Systems MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
5
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at VCC = 20V, TJ = +25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 20V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
tLEB_ZCD
After turn-off,
VMULT_O >0.3V
1.2
1.6
2.1
μs
ZCD Blanking Time
tLEB_ZCD
After turn-off,
VMULT_O ≤0.3V
0.6
0.8
1.1
μs
tLEB_OVP
After turn-off,
VMULT_O >0.3V
1.2
1.6
2.1
μs
Over-Voltage Blanking Time
tLEB_OVP
After turn-off,
VMULT_O ≤0.3V
0.6
0.8
1.1
μs
Over-Voltage Threshold
VZCD_OVP
1.6μs delay after turn-off
4.9
5.1
5.4
V
Minimum Off Time
tOFF_MIN
4
5.5
8
µs
Starter
Start-Timer Period
tSTART
190
µs
Gate Driver
Output-Clamp Voltage
VGATE_CLAMP VCC=28V
13
14.5
17
V
Minimum-Output Voltage
VGATE_MIN
VCC=VCC_OFF + 50mV
6.7
V
Max. Source Current
(6)
IGATE_SOURCE
0.8
A
Max. Sink Current
(6)
IGATE_SINK
-1
A
Thermal Shutdown
Thermal Shutdown Threshold
(7)
TSD
150
℃
Thermal Shutdown Recovery
Hysteresis
(7)
THYS
25
℃
Notes:
5) The multiplier output is given by: Vcs=k*VMULT*(VCOMP-1.5)
6). Guaranteed by design.
7). Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com