Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems MP4026 Datasheet HTML 10Page - Monolithic Power Systems MP4026 Datasheet HTML 11Page - Monolithic Power Systems MP4026 Datasheet HTML 12Page - Monolithic Power Systems MP4026 Datasheet HTML 13Page - Monolithic Power Systems MP4026 Datasheet HTML 14Page - Monolithic Power Systems MP4026 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP4026 – PRIMARY SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
11
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Power-Factor Correction
The MULT pin is connected to a pull up resistor
from the rectified-instantaneous-line voltage and
fed as one input of the Multiplier. The multiplier
output is sinusoidal.. This signal provides the
reference for the current comparator and
comparing with the primary-side-inductor current,
which sets the sinusoidal primary-peak current.
This helps to achieve a high-power factor.
Inductor current
Multiplier output
Figure 4: Power-Factor Correction
The maximum voltage of the multiplier output to
the current comparator is clamped at 2V for a
cycle-by-cycle current limit.
VCC Under-Voltage Lockout
When VCC drops below the UVLO threshold
(9.3V), the MP4026 stops switching and shuts
down. The operating current is very low under
this condition, the VCC will be charged up again
by the external start up resistor from AC line.
Figure 5 shows the typical VCC under-voltage
lockout waveform.
9.3V
Vcc
Gate
Swit ching
Pu lses
And Regulates the VCC
Auxiliary Winding Takes Charge
Protection happens
24.9V
Figure 5: VCC Start-Up Waveform
Auto Starter
The MP4026 has an integrated auto starter. The
starter times when the MOSFET is OFF: If ZCD
fails to send out another turn-on signal after
190µs, the starter will automatically send out the
turn-on signal to avoid unnecessary shutdowns
due to missing ZCD detections.
Minimum Off Time
The MP4026 operates with a variable switching
frequency; the frequency changes with the
instantaneous-input-line voltage. To limit the
maximum frequency and get a good EMI
performance, the MP4026 employs an internal,
minimum-off-time limiter—5.5µs.
Leading-Edge Blanking
To avoid premature switching-pulse termination
due to the parasitic capacitances discharging
when the MOSFET turns on at normal operation,
the MP4026 uses an internal-leading edge
blanking (LEB) unit between the CS/ZCD pin and
the current-comparator input. During the blanking
time, the path from the CS/ZCD pin to the current
comparator input is blocked. Figure 6 shows the
leading-edge blanking. The LEB time of primary-
side OCP detection is relatively short, 200ns.
t
LEB =320 n s
V
CS
t
Figure 6: Leading-Edge Blanking
Output Over-Voltage Protection
Output
over-voltage
protection
prevents
component damage during an over-voltage
condition. The auxiliary-winding voltage’s positive
plateau is proportional to the output voltage: the
OVP uses the auxiliary winding voltage instead of
directly monitoring the output voltage. Figure 7
shows the OVP sampling unit. Once the ZCD
voltage exceeds 5.1V at gate turn off interval, the
OVP signal will be triggered and latched, the gate
driver will be turned off and the IC works at
quiescent mode, the VCC voltage dropped below
the UVLO which will make the IC shut down, and
the system restarts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com