Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4026 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4026
Description  Primary-Side-Control, Offline LED Controller with Active PFC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4026 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4026 Datasheet HTML 1Page - Monolithic Power Systems MP4026 Datasheet HTML 2Page - Monolithic Power Systems MP4026 Datasheet HTML 3Page - Monolithic Power Systems MP4026 Datasheet HTML 4Page - Monolithic Power Systems MP4026 Datasheet HTML 5Page - Monolithic Power Systems MP4026 Datasheet HTML 6Page - Monolithic Power Systems MP4026 Datasheet HTML 7Page - Monolithic Power Systems MP4026 Datasheet HTML 8Page - Monolithic Power Systems MP4026 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP4026
Primary-Side-Control,
Offline LED Controller with Active PFC
MP4026 Rev. 1.1
www.MonolithicPower.com
1
9/9/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4026 is a primary-side-control, offline
LED controller that achieves high-power factor
and accurate LED current for isolated, single-
power-stage lighting applications in a tiny
TSOT23-6 package. It is the next generation of
the successful MP4021A. The proprietary real-
current-control method accurately controls LED
current from primary-side information with good
line and load regulation. The primary-side-control
eliminates
the
secondary-side
feedback
components and the opto-coupler to significantly
simplify LED-lighting-system design.
The MP4026 integrates power-factor correction
and works in valley switching mode to reduce
MOSFET switching losses.
The MP4026’s multiple protection features
greatly enhance system reliability and safety.
These features include over-voltage protection,
short-circuit protection, primary-side over-current
protection, brown out protection, cycle-by-cycle
current limiting, VCC under-voltage lockout, and
auto-restart over-temperature protection.
FEATURES
• Real-Current Control without Secondary-
Feedback Circuit
• Good Line/Load Regulation
• High Power Factor (≥0.9) over Universal
Input Voltage
• Valley Switching Mode for Improved
Efficiency
• Brown-Out Protection
• Over-Voltage Protection
• Short-Circuit Protection
• Over-Temperature Protection
• Primary-Side Over-Current Protection
• Cycle-by-Cycle Current Limit
• Input UVLO
• Available in TSOT23-6
APPLICATIONS
• Industrial and Commercial Lighting
• Residential Lighting
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION CIRCUIT
Mult
COMP
GND
VCC
GATE
CS/ZCD


Similar Part No. - MP4026

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4026GJ MPS-MP4026GJ Datasheet
1,016Kb / 13P
Universal Input, 7W Primary-side-control with Active PFC Offline WLED Driver Evaluation Board For A19 Bulb
MP4026GJ-Z MPS-MP4026GJ-Z Datasheet
1,008Kb / 14P
Universal Input, 20W Primary-side-control with Active PFC Offline WLED Driver Evaluation Board for PAR38 Bulb
MP4026GJ-Z MPS-MP4026GJ-Z Datasheet
558Kb / 14P
Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
More results

Similar Description - MP4026

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com