Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3398A Datasheet HTML 1Page - Monolithic Power Systems MP3398A Datasheet HTML 2Page - Monolithic Power Systems MP3398A Datasheet HTML 3Page - Monolithic Power Systems MP3398A Datasheet HTML 4Page - Monolithic Power Systems MP3398A Datasheet HTML 5Page - Monolithic Power Systems MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
2
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP3398AGS*
SOIC16
See Below
MP3398AGF**
TSSOP16-EP
See Below
MP3398AGY***
SOIC20
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP3398AGS–Z);
** For Tape & Reel, add suffix
–Z (e.g. MP3398AGF–Z);
*** For Tape & Reel, add suffix
–Z (e.g. MP3398AGY–Z);
TOP MARKING (MP3398AGS)
MPS: MPS prefix:
YY: year code;
WW: week code:
MP3398A: part number;
LLLLLLLLL: lot number;
TOP MARKING (MP3398AGF)
MPS: MPS prefix:
YY: year code;
WW: week code:
MP3398A: part number;
LLLLLL: lot number;
TOP MARKING (MP3398AGY)
MPS: MPS prefix:
YY: year code;
WW: week code:
MP3398A: part number;
LLLLLLLLL: lot number;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com