Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems MP3398A Datasheet HTML 14Page - Monolithic Power Systems MP3398A Datasheet HTML 15Page - Monolithic Power Systems MP3398A Datasheet HTML 16Page - Monolithic Power Systems MP3398A Datasheet HTML 17Page - Monolithic Power Systems MP3398A Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
14
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is recommended from 100kHz to 500kHz for
most of application. An oscillator resistor on OSC
pin sets the internal oscillator frequency for the
step-up
converter
according
to
the
below
equation:
SW
OSC
67320
F
(kHz)
R
(k )
For ROSC=374kΩ, the switching frequency is set
to 180kHz.
Setting the LED Current
The LED each string current can be set through
the current setting resistor on the ISET pin.
LED
810 1.22V
I
(mA)
Rk
Ω
ISET
For RSET=8.2
kΩ, the LED current is set to
120mA. Please do not leave ISET pin open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most applications
, use a 4.7μF ceramic capacitor
in parallel with a 220µF electrolytic capacitor.
Selecting the Inductor and Current Sensing
Resistor
The MP3398A requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger value inductor results in
less ripple current, resulting in lower peak
inductor current and reducing stress on the N-
channel MOSFET. However, the larger value
inductor has a larger physical size, higher series
resistance, and lower saturation current.
Choose an inductor that does not saturate under
the
worst-case
load
conditions.
Select
the
minimum inductor value to ensure that the boost
converter works in continuous conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using the
equation:
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 

IN
OUT
V
D1
V

Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current is usually used for the peak
current mode control. In order to avoid hitting the
current limit, the voltage across the sensing
resistor RSENSE must measure less than 80% of
the worst-case current-limit voltage, VSENSE.
SENSE
L(PEAK)
0.8 VSENSE
R
I
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
V
I
V
(V
V )
I
ηV
2 L F
V

 
Where IL(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 2.
Figure 2
—V
SENSE vs Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com