Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3398A Datasheet HTML 1Page - Monolithic Power Systems MP3398A Datasheet HTML 2Page - Monolithic Power Systems MP3398A Datasheet HTML 3Page - Monolithic Power Systems MP3398A Datasheet HTML 4Page - Monolithic Power Systems MP3398A Datasheet HTML 5Page - Monolithic Power Systems MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
5
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LEDX Regulation Voltage
VLEDX
ILED=330mA
800
mV
ILED=60mA
285
mV
PROTECTION
OVP(Over Voltage Protection)
Threshold
VOVP_OV
Rising Edge
1.20
1.23
1.26
V
OVP(Over Voltage Protection)
Threshold HYS
VOVP_HYS
HYS
80
mV
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
30
75
120
mV
LEDX UVLO Threshold
VLEDX_UV
120
200
280
mV
LEDX Over Voltage Threshold
VLEDX_OV
5.8
6.3
6.8
V
LED Short Fault Cycles
T_LED_OV
4096
Latch-Off Current Limit
VLMT
560
640
720
mV
Thermal Protection Threshold
TST
150
°C
Thermal Protection Hysteresis
25
°C
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com