Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 5Page - Monolithic Power Systems MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
9
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP16-EP
&SOIC16
Pin #
SOIC20
Pin #
Name
Description
1
1
COMP
Step-up Converter Compensation Pin. This pin compensates the regulation
control loop. Connect a ceramic capacitor from COMP to GND.
2
2
EN
Enable Control Input. A voltage greater than 1.8V will turn the part on and less
than 0.6 V will turn the part off. Do not let this pin float.
3
3
PWM
Input Signal for PWM Brightness Control. By applying a PWM signal on this
pin, the LED current can be chopped and the average current is equal to
Iset*D_dim (I_set is the LED current value set by a resistor connected to PIN
6; D_dim is the duty cycle of the PWM dimming duty cycle). Make sure the
PWM amplitude voltage level > VPWM_HI and the low level voltage < VPWM_HI.
The input PWM signal frequency mainly determines the LED current dimming
ratio. Lower dimming frequency, smaller dimming current can be gotten. In
general, 200Hz to 2kHz can be used to cover most of the customers’ LED
current dimming requests. Internally weakly pulled to GND if this pin is floated.
If
PWM
dimming
is
not
required,
pulling
this
pin
to
high
voltage(1.25V<Vpwm<5V),
4
5
GND
Ground.
5
7
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set
the step-up converter switching frequency. The voltage at this pin is regulated
to 1.23V. The clock frequency is proportional to the current sourced from this
pin.
6
8
ISET
LED Current Set. Tie a current-setting resistor from this pin to ground to
program the current in each LED string. This pin voltage is regulated to
1.225V. The LED current is proportional to the current through the ISET
resistor.
7
9
ADIM
Signal Input for Analog Brightness Control. The LED current amplitude is
determined by this pin and the input signal can be either a PWM signal or a
DC voltage signal. An internal RC filter (10Mohm resistor and 100pF
capacitor) is integrated to this pin. So, if a PWM signal applied to this
pin, >20kHz frequency is recommended to get a better PWM signal filtering
performance and make sure the amplitude voltage is higher than 1.5V and low
level voltage is less than 0.4V. For DC signal input, please apply a DC input
signal range from 0.4V to 1.5V to linearly set the LED current from 0% to
100%. Internally weakly pulled to GND if this pin is floated. If Analog dimming
is not required, pulling this pin to high voltage(1.54V<Vpwm<5V),
8
10
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 4 cathode to this pin.
9
11
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 3 cathode to this pin.
10
12
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 2 cathode to this pin.
11
13
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 1 cathode to this pin.
12
14
OVP
Over-Voltage Protection Input. Connect a resistor divider from output to this
pin to program the OVP threshold. When this pin voltage reaches 1.23V, the
MP3398A triggers Over Voltage Protection mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com