Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 9Page - Monolithic Power Systems MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems MP3398A Datasheet HTML 14Page - Monolithic Power Systems MP3398A Datasheet HTML 15Page - Monolithic Power Systems MP3398A Datasheet HTML 16Page - Monolithic Power Systems MP3398A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
13
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
When a DC signal is applied to ADIM pin, the
voltage range in 0.4V to 1.5V directly sets the
LED current linearly from 0% to 100%.
Open String Protection
Open string protection is achieved through the
OVP pin and the LED(1 to 4) pins. If one or
more strings are open, the respective LEDX
pins are pulled to ground and the IC keeps
charging the output voltage until it reaches the
over-voltage protection (OVP) threshold. If the
OVP point has been triggered for >4us, the chip
stops switching and marks the strings which
have an LEDX pin voltage lower than 196mV.
Once marked, the remaining LED strings force
the output voltage back into tight regulation.
The
string
with
the
largest
voltage
drop
determines the output regulation.
The MP3398A will always attempt to light at
least one string. If all strings are open, the
MP3398A shuts down the step-up converter.
The strings will remain in this marked state until
the chip reset.
Short String Protection
The MP3398A monitors the LEDX pin voltages
to determine if a short string fault has occurred.
If
one or
more strings are shorted,
the
respective LEDX pins tolerate high voltage
stress. If an LEDX pin voltage is higher than
6.3V, this condition triggers the detection of a
short string. When a short string faults (LEDX
over-voltage fault) keeps for 4096 switching
clocks, the fault string is marked OFF and
disabled. Once a string is marked OFF, it
disconnects from the output voltage loop. The
marked LED strings shut off completely until the
part restarts. In order to prevent mis-triggering
short LED protection when open LED string or
sharp ADIM, the short LED protection function
is disabled when Vledx of all used LED
channels are higher than 1.5V.
Inductor/Diode short Protection
To prevent the IC and external MOSFET
damage when external inductor is shorted,
MP3398A has the protection mode in two
following methods. When inductor is shorted,
the output can not maintain enough energy to
load the LED and the output voltage will drop.
Thus, the COMP (the error amplifier output)
voltage tends to rise till be clamped high, when
it lasts longer than 512 switching cycles the IC
turns off and latches. In some cases that the
COMP voltage can not be clamped to high
when inductor is shorted, the IC also provides
the protection mode by detecting the current
flowing through power MOSFET. In this mode,
when the current sense voltage across sense
resistor (connected between MOSFET and
GND) hits VLMT limit value and lasts for 4
switching cycles, the IC turns off and latches.
Thermal Shutdown Protection
To prevent the IC operate at exceedingly high
temperature, thermal shutdown is implemented
in this chip by detecting the silicon die
temperature.
When
the
die
temperature
exceeds the upper threshold TST, the IC
shutdowns and recovers to normal operation
when
die
temperature drops below lower
threshold. Typically, the hysteresis value is
25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com