Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3398A Datasheet HTML 1Page - Monolithic Power Systems MP3398A Datasheet HTML 2Page - Monolithic Power Systems MP3398A Datasheet HTML 3Page - Monolithic Power Systems MP3398A Datasheet HTML 4Page - Monolithic Power Systems MP3398A Datasheet HTML 5Page - Monolithic Power Systems MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
3
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
14
13
12
11
16
15
7
8
TOP VIEW
10
9
3
4
5
6
1
2
LED2
LED3
LED1
VCC
VIN
GATE
ISENSE
OVP
OSC
COMP
EN
LED4
PWM
ISET
GND
ADIM
O SC
LED2
COMP
LED3
EN
LED4
14
13
12
11
Exposed Pad
Connect to GND
LED1
16
15
7
8
VCC
VIN
ISET
G ND
GATE
I SENSE
OVP
TOP VIEW
10
9
3
4
5
6
1
2
PWM
ADIM
SOIC16
TSSOP16-EP
SOIC20
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .............................................. -0.3V to +30V
VGATE........................................... -0.3V to +6.5V
VCC............................................ -0.3V to +6.8V
VLED1 to VLED4 .................................. -1V to +55V
VISENSE......................................... -0.5V to +6.5V
All Other Pins...............................
–0.3V to VCC
Continuous Power Dissipation (TA = 25°C)
(2)
SOIC16....................................................1.56W
TSSOP16-EP
………………………………2.78W
SOIC20
………………………………… 1.74W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
ESD Capability Human Body Mode (all pins)
.................................................................3.5kV
Recommended Operating Conditions
(3)
Supply Voltage VIN ............................. 5V to 28V
LED Current (Backlight) ...........10mA to 350mA
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16……………………………80
……35....°C/W
TSSOP16-EP……………………45…….10….°C/W
SOIC20
……………………72 ...... 30...
C/W
Notes:
1) Exceeding these ratings may damage the device. The voltage
is measured with a 20MHz bandwidth limited oscilloscope.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com