Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems MP3398A Datasheet HTML 14Page - Monolithic Power Systems MP3398A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
11
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Control
Logic
+
-
Current Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
1.23V
OV
Comparator
+
-
+
-
LED1
1.225V
Max
Min
Feedback
Control
6.3V
EA
Short String
Protection
Regulator
LED4
OVP
ISENSE
GND
VIN
VCC
PWM
ADIM
ISET
COMP
OSC
EN
Enable
Control
Ref
GATE
Current Control
100ns
Blanking
ILIMIT
UP_CLAMP
PWM
STOP
200 ns
Blank Time
Figure 1
—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com