Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398A Datasheet HTML 1Page - Monolithic Power Systems MP3398A Datasheet HTML 2Page - Monolithic Power Systems MP3398A Datasheet HTML 3Page - Monolithic Power Systems MP3398A Datasheet HTML 4Page - Monolithic Power Systems MP3398A Datasheet HTML 5Page - Monolithic Power Systems MP3398A Datasheet HTML 6Page - Monolithic Power Systems MP3398A Datasheet HTML 7Page - Monolithic Power Systems MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP3398A
Step up, 4 strings, Max. 350mA/string
Analog and PWM dimming, White LED Controller
MP3398A Rev. 1.04
www.MonolithicPower.com
1
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3398A is a step-up controller with 4
current channels, which is designed to drive
WLED
arrays
for
large-size
LCD-panel
backlighting applications. It is flexible to expand
the number of LED channels by two or more
ICs in parallel sharing a single inductive power
source.
The MP3398A uses peak-current mode with
fixed switching frequency. The frequency is
programmable by an external setting resistor.
The MP3398A drives an external MOSFET to
boost up the output voltage from a 5V to 28V
input supply. It regulates the current in each
LED string to the value set by an external
current-setting resistor.
The
MP3398A
applies
4
internal
current
sources
for
current
balance.
The
current
matching can achieve 2.5% regulation accuracy
between strings. Its low regulation voltage on
LED current sources reduces power loss.
The MP3398A can support both analog and
PWM dimming independently to meet the
different dimming-mode request. In addition,
rich protection modes are also integrated
including
OCP,
OTP,
UVP,
OVP,
LED
short/open
protection,
inductor/diode
short
protection.
The
MP3398A
is
available
in
SOIC16,
TSSOP16-EP and SOIC20 packages.
FEATURES
 4-String, Max 350mA/String WLED Driver
 5V to 28V Input Voltage Range
 2.5% Current Matching Accuracy Between
Strings
 Programmable Switching Frequency
 PWM and Analog Dimming Mode
 Cascading Capability with a Single Power
Source
 LED Open and Short LED Protection
 Programmable Over-Voltage Protection
 Recoverable Thermal Shutdown Protection
 Over Current Protection
 Inductor/Diode short Protection
 Under-Voltage Lockout
 SOIC16,
TSSOP16-EP
and
SOIC20
Packages
APPLICATIONS
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 2D/3D LCD TVs and Monitors
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP3398A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398AGS MPS-MP3398AGS Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
More results

Similar Description - MP3398A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
EV3398A-S-00A MPS-EV3398A-S-00A Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com