Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3398A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3398A
Description  Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3398A Datasheet HTML 8Page - Monolithic Power Systems MP3398A Datasheet HTML 9Page - Monolithic Power Systems MP3398A Datasheet HTML 10Page - Monolithic Power Systems MP3398A Datasheet HTML 11Page - Monolithic Power Systems MP3398A Datasheet HTML 12Page - Monolithic Power Systems MP3398A Datasheet HTML 13Page - Monolithic Power Systems MP3398A Datasheet HTML 14Page - Monolithic Power Systems MP3398A Datasheet HTML 15Page - Monolithic Power Systems MP3398A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
STEP UP, 4 STRINGS, MAX. 350MA/STRING ANALOG AND PWM DIMMING, WHITE LED CONTROLLER
MP3398A Rev. 1.04
www.MonolithicPower.com
12
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3398A is a step-up converter with peak-
current mode. It employs 4 channels of current
sources to drive up to 4 strings of white LEDs.
Internal 6V Regulator
The MP3398A
includes
an internal linear
regulator (VCC). When VIN is greater than 6.5V,
this regulator outputs a 6V power supply to the
external MOSFET switch gate driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. The MP3398A
features under-voltage lockout (UVLO). The
chip is disabled until VCC exceeds the UVLO
threshold.
The
UVLO
hysteresis
is
approximately 200mV.
System Startup
When enabled, the MP3398A checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to see if the
Schottky diode is not connected or if the boost
output is shorted to GND. An OVP voltage of
less than 75mV will disable the chip. The
MP3398A also checks other safety limits,
including
UVLO
and
over-temperature
protection (OTP), over-current protection after
passing the OVP test. If all the protection tests
pass, the chip then starts boosting the step-up
converter with an internal soft-start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
PWM
dimming
signal
during
the
start-up
sequence to avoid large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmable (from 100kHz to 500kHz) with a
external resistor connected to the OSC pin.
This helps to optimize the size of external
components and the efficiency.
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET (In
normal operation, the minimum turn on time is
200ns). A stabilizing ramp added to the output
of the current sense amplifier prevents sub-
harmonic oscillations for duty cycles greater
than 50 percent. This result is fed into the PWM
comparator. When this resulting voltage
reaches the output voltage of the error amplifier
(VCOMP) the external MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high-
enough bus voltage to power all the LED arrays.
If
the feedback voltage drops
below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, thus increasing the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in
pulse-skipping mode where the MOSFET turns
on for a minimum on-time of approximately
200ns, and then the converter discharges the
power to the output for the remaining period.
The external MOSFET remains off until the
output voltage needs to be boosted again.
Dimming Control
The MP3398A provides two dimming methods:
PWM or analog dimming mode.
For PWM dimming, apply a PWM signal to
PWM pin. The LED current is chopped by this
PWM signal and the average LED current is
equal to Iset*D_dim where D_dim is the duty
cycle of PWM dimming signal and Iset is the
LED current amplitude.
For analog dimming, either a PWM signal or DC
signal can be applied to ADIM pin.
When a PWM signal is applied to ADIM pin, this
signal will be filtered by the internal RC filter.
The
LED
current
amplitude
is
equal
to
Iset*D_Dim where D_dim is the duty cycle of
PWM dimming signal and Iset is the LED
current amplitude. 20kHz or higher PWM signal
is recommended to get the better filtering
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com