Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4648
7
4648f
For more information www.linear.com/LTM4648
pin FuncTions
GND (A1-A5, A7-A11, B1, B9-B11, E1, F3, F5, G1-G7):
GroundPinsforBothInputandOutputReturns.Allground
pins need to connect with large copper areas underneath
the unit.
TEMP (A6): Onboard Temperature Diode for Monitoring
the VBE Junction Voltage Change with Temperature. See
the Applications Information section.
CLKIN (B3): External Synchronization Input to Phase De-
tector Pin. A clock on this pin will enable synchronization
with forced continuous operation. See the Applications
Information section.
PHMODE (B4): This pin can be tied to GND, tied to INTVCC
or left floating. This pin determines the relative phases
between the internal controllers and the phasing of the
CLKOUT signal. See Table 2 in the Operation section.
MODE (B5): Mode Select Input. Connect this pin to INTVCC
to enable Burst Mode operation. Connect to ground to
enable forced continuous mode of operation. Floating this
pin will enable pulse-skipping mode of operation.
NC (B7-B8, C3-C4): No Connection Pins. Either float these
pins or connect them to GND for thermal purpose.
VIN (C1, C8, C9, D1, D3-D5, D7-D9 and E8): Power Input
Pins. Apply input voltage between these pins and GND
pins. Recommend placing input decoupling capacitance
directly between VIN pins and GND pins.
VOUT (C10-C11, D10-D11, E9-E11, F9-F11, G10-G11):
Power Output Pins. Apply output load between these pins
and GND pins. Recommend placing output decoupling
capacitance directly between these pins and GND pins.
See Table 1.
SW (C5): Switching Node of the Circuit. This pin is used
to check the switching frequency. Leave pin floating. A
resistor-capacitor snubber can be placed from SW to
PGND to eliminate high frequency switch node ringing.
See the Applications Information section.
PGOOD (C7): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point.
VOUT_LCL (G9): This pin is connected to the top of the
internal top feedback resistor for the output. When the
remote sense amplifier is used in the LTM4648, connect
the remote sense amplifier output DIFFOUT to VOUT_LCL
to drive the 10k top feedback resistor. When the remote
sense amplifier is not used in the LTM4648, connect
VOUT_LCL to VOUT directly.
FREQ (E3): Frequency Set Pin. A 10µA current is sourced
from this pin. A resistor from this pin to ground sets a
voltage, that in turn, programs the operating frequency.
Alternatively, this pin can be driven with a DC voltage that
can set the operating frequency. See the Applications In-
formation section. The LTM4648 has an internal resistor
to program frequency to 450kHz.
TRACK/SS (E5): Output Voltage Tracking Pin and Soft-
Start Inputs. The pin has a 1.2µA pull-up current source.
A capacitor from this pin to ground will set a soft-start
ramp rate. In tracking, the regulator output can be tracked
to a different voltage. The different voltage is applied to
a voltage divider then the slave output’s track pin. This
voltage divider is equal to the slave output’s feedback
divider for coincidental tracking. See the Applications
Information section.
FB(E7):TheNegativeInputoftheErrorAmplifier.Internally,
this pin is connected to VOUT_LCL with a 10k precision
resistor. Different output voltages can be programmed
with an additional resistor between VFB and ground pins.
In PolyPhase operation, tying the VFB pins together allows
for parallel operation. See the Applications Information
section for details.
RUN (F1): Run Control Pin. A voltage above 1.4V will turn
on the module. The RUN pin has a 1µA pull-up current,
once the RUN pin reaches 1.2V an additional 4.5µA pull-up
current is added to this pin.
CLKOUT (F2): Output Clock Signal for PolyPhase Opera-
tion. The phase of CLKOUT is determined by the state of
the PHMODE pin.
INTVCC (F4): Internal 5V LDO for Driving the Control Cir-
cuitry and the Power MOSFET Drivers. The 5V LDO has
a 100mA current limit.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com