Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4648
23
4648f
For more information www.linear.com/LTM4648
Typical applicaTions
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4648
GND
C1
0.1µF
COUT1
100µF
6.3V
RFB
10k
4648 F18
COUT2
100µF
6.3V
CIN
22µF
10V
VIN
2.375V TO 5.5V
VOUT
1.2V
10A
CLKOUT
Figure 18. 2.375V to 5.5VIN, 1.2V at 10A Design
Figure 19. 3.3V to 5V VIN, 2.5VOUT at 8A Design with Increased 650kHz Frequency
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
1M
LTM4648
GND
C1
0.1µF
100µF
6.3V
100µF
6.3V
RFB
3.09k
4648 F19
CIN
22µF
10V
CIN
22µF
10V
VIN
3.3V TO 5.5V
VOUT
2.5V
8A
CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com