Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM4648
17
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
where KD = 8.62−5, and knowing ln(ID/IS) is always posi-
tive because ID is always greater than IS, leaves us with
the equation that:
VD = T(KELVIN) • KD • ln
ID
IS
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
source has an approximately –2mV/°C temperature rela-
tionship (Figure 7), which is at odds with the equation. In
fact, the IS term increases with temperature, reducing the
ln(ID/IS)absolutevalueyieldinganapproximately–2mV/°C
composite diode voltage slope.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leveragetheoutcomeofthermalmodeling,simulation,and
correlationtohardwareevaluationperformedonaµModule
package mounted to a hardware test board—also defined
by JESD51-9 (“Test Boards for Area Array Surface Mount
Package Thermal Measurements”). The motivation for
providingthesethermalcoefficientsinfoundinJESD51-12
(“Guidelines for Reporting and Using Electronic Package
Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the µModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in-and-of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in the data sheet can be used in
a manner that yields insight and guidance pertaining to
one’s application usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA: the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted
toaJESD51-9definedtestboard, whichdoesnotreflect
an actual application or viable operating condition.
4648 F07
TEMPERATURE (°C)
–173
–73
27
127
0.4
0.6
0.8
1.0
∆VD
ID = 100µA
Figure 7. Diode Voltage, VD, vs Temperature T (°C)
for Different Bias Currents
An external diode connected PNP transistor can be pulled
up to VIN with a resistor to set the current to 100µA for
using this diode connected transistor as a general tem-
perature monitor by monitoring the diode voltage drop
with temperature, or a specific temperature monitor can
be used that injects two currents that are at a 10:1 ratio
for very accurate temperature monitoring. See Figure 22
for an example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com