Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM4648
8
4648f
For more information www.linear.com/LTM4648
block DiagraM
POWER
CONTROL
1µF
VOUT
VIN
1M
10k
0.5%
fSET
RUN
VFB
GND
COMP
VOUT_LCL
R2
R1
MODE
TRACK/SS
RfSET
115k
6.65k
1%
CSS
4648 F01
0.35µH
M1
VOUT
5V
VOUT
1.5V
10A
VIN
VIN
2.375V TO 5.5V
M2
INTERNAL
COMP
INTERNAL
LOOP
FILTER
INTVCC
250k
DIFF_OUT
DIFFP
DIFFN
GND
PGOOD
INTVCC
CLKIN
TEMP
> 1.4V = ON
< 1.1V = OFF
MAX = 5V
1µF
+
CIN
COUT
+
10k
INTVCC
DIFF
AMP
BOOST
CONVERTER
Figure 1. Simplified LTM4648 Block Diagram
pin FuncTions
COMP(F6):CurrentControlThresholdandErrorAmplifier
Compensation Point. The current comparator threshold
increases with this control voltage. Tie all COMP pins
together in parallel operation.
DIFFN (F7): Input to the Remote Sense Amplifier. This
pin connects to the ground remote sense point. Connect
to GND when not used.
DIFFP (F8): Input to the Remote Sense Amplifier. This
pin connects to the output remote sense point. Connect
to GND when not used.
DIFFOUT (G8): Output of the Remote Sense Amplifier.
This pin connects to the VOUT_LCL pin for remote sense
applications. Otherwise float when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com