Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 1 Page - Linear Technology

  LTM4613 Datasheet HTML 1Page - Linear Technology LTM4613 Datasheet HTML 2Page - Linear Technology LTM4613 Datasheet HTML 3Page - Linear Technology LTM4613 Datasheet HTML 4Page - Linear Technology LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4648
1
4648f
For more information www.linear.com/LTM4648
Typical applicaTion
FeaTures
DescripTion
Low VIN, 10A Step-Down
µModule Regulator
The LTM®4648 is a 10A low VIN step-down
DC/DC µModule® (micromodule) regulator. Included in
the package are the switching controller, power FETs,
inductor and all support components. Operating over
an input voltage range of 2.375V to 5.5V, the LTM4648
supports an output voltage range of 0.6V to 5V, set by a
singleexternalresistor.Thishighefficiencydesigndelivers
up to 10A continuous current. Only bulk input and output
capacitors are needed.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, programmable multiphase
operation and output voltage tracking for supply rail
sequencing.
Fault protection features include overvoltage protec-
tion, overcurrent protection and thermal shutdown. The
LTM4648 is offered in a small 9mm × 15mm × 4.92mm
BGA package. The LTM4648 is RoHS compliant. For up
to 16VIN operation, see the LTM4649.
Efficiency and Power Loss
at 5V and 3.3V Input
Current Derating, 5V to 1.5VOUT
with No Heat Sink
2.375V to 5.5V Input, 1.5V Output DC/DC
µModule Regulator
applicaTions
n
10A DC Output Current
n
Input Voltage Range: 2.375V to 5.5V
n
Output Voltage Range: 0.6V to 5V
n
No Heat Sink or Current Derating Up to 85°C
Ambient Temperature
n
±1.5% Maximum Total DC Output Error
n
Multiphase Operation with Current Sharing
n
Remote Sense Amplifier
n
Built-In Temperature Monitor
n
Selectable Pulse-Skipping Mode/Burst Mode®
Operation for High Efficiency at Light Load
n
Soft-Start/Voltage Tracking
n
Protection: Output Overvoltage and Overcurrent
Foldback
n
See LTM4649 for Up to 16VIN Operation
n
9mm × 15mm × 4.92mm BGA Package
n
Telecom, Networking and Industrial Equipment
n
Point of Load Regulation
L
, LT, LTC, LTM, Burst Mode, µModule, PolyPhase, Linear Technology and the Linear logo are
registered trademarks of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 5481178, 5705919, 5929620,
6100678, 6144194, 6177787, 6304066 and 6580258. Other patents pending.
VIN
MODE
TRACK/SS
VOUT
DIFFP
DIFFN
VOUT_LCL
DIFFOUT
VFB
LTM4648
GND
0.1µF
100µF
6.3V
×2
6.65k
22µF
10V
×2
VIN
2.375V TO 5.5V
VOUT
1.5V
10A
4648 TA01a
PINS NOT USED
IN THIS CIRCUIT:
INTVCC
SW
RUN
PHMODE
TEMP
COMP
PGOOD
CLKIN
CLKOUT
LOAD CURRENT (A)
0
90
95
100
8
4648 TA01b
85
80
2
4
6
10
75
70
65
2.0
2.4
2.8
1.6
1.2
0.8
0.4
0
VIN = 3.3V
VIN = 5V
AMBIENT TEMPERATURE (°C)
0
0
2
4
6
8
12
20
40
60
80
4648 TA01c
100
120
10
400LFM
200LFM
0LFM


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM4613 LINER-LTM4613 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
Low VIN 20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
6A Step-Down Power 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com