Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTM4648
24
4648f
For more information www.linear.com/LTM4648
Typical applicaTions
Figure 20. Three LTM4648 in Parallel, 1.5V at 30A Design
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4648
GND
C1
0.1µF
COUT1
100µF
6.3V
RFB
6.65k
COUT2
100µF
6.3V
CIN1
22µF
10V
VIN
2.375V TO 5.5V
RUN
VOUT
1.5V
30A
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
LTM4648
GND
COUT3
100µF
6.3V
COUT5
100µF
6.3V
PGOOD
4648 F20
COUT4
100µF
6.3V
CIN2
22µF
10V
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
LTM4648
GND
COUT6
100µF
6.3V
CIN3
22µF
10V
CLKOUT
CLKIN
FREQ
CLKIN
FREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com