Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTM4648
25
4648f
For more information www.linear.com/LTM4648
Typical applicaTions
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4648
GND
C1
0.1µF
COUT1
100µF
6.3V
R1
2.21k
COUT2
100µF
6.3V
CIN1
22µF
10V
VIN
5V
VOUT1
3.3V
8A
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
VOUT1
VOUT1
VOUT1
LTM4648
GND
COUT3
100µF
6.3V
R2
3.09k
COUT4
100µF
6.3V
CIN2
22µF
10V
R3
10k
R4
3.09k
VOUT2
2.5V
10A
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4648
GND
COUT7
100µF
6.3V
R2
6.65k
4648 F21
COUT8
100µF
6.3V
CIN4
22µF
10V
R9
10k
R10
6.65k
VOUT4
1.5V
10A
CLKOUT
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
LTM4648
GND
COUT5
100µF
6.3V
R5
4.99k
COUT6
100µF
6.3V
CIN3
22µF
10V
R6
10k
R7
4.99k
VOUT3
1.8V
10A
CLKOUT
FREQ
Figure 21. Quad Outputs 4-Phase LTM4648 Regulator with Tracking Function
Figure 22. Single LTM4648 10A Design with Temperature Monitoring
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
FREQ
LTM4648
GND
C1
0.1µF
COUT1
100µF
6.3V
RFB
6.65k
RT
4648 F22
COUT2
100µF
6.3V
CIN
22µF
10V
0.1µF
VIN
2.375V TO 5.5V
VOUT
1.5V
10A
CLKOUT
A/D
MC
VIN
VIN
100µA
RT =
Figure 23. Dual Outputs 2-Phase LTM4648 Regulator with Tracking Function
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
LTM4648
GND
COUT2
100µF
6.3V
COUT1
100µF
6.3V
R1
10k
R2
10k
R3
4.99k
CIN1
22µF
10V
VIN
5V
MASTER SLOPE
INTVCC
INTVCC
VOUT
1.2V
10A
CLKOUT
CLOCK
CLOCK
VIN
INTVCC
SW
RUN
MODE
PHMODE
TRACK/SS
TEMP
VOUT
VOUT_LCL
DIFFOUT
DIFFP
DIFFN
VFB
COMP
PGOOD
CLKIN
LTM4648
GND
COUT4
100µF
6.3V
COUT3
100µF
6.3V
R4
4.99k
CIN2
22µF
10V
VOUT
1.8V
10A
CLKOUT
4648 F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com