Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM4648
19
4648f
For more information www.linear.com/LTM4648
applicaTions inForMaTion
Figure 9. 3.3VIN to 2.5VOUT and 1.5VOUT Power Loss
Figure 10. 5VIN to 3.3VOUT, 2.5VOUT and 1.5VOUT Power Loss
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JESD51-9 to predict power loss heat flow and temperature
readingsatdifferentinterfacesthatenablethecalculationof
theJEDEC-definedthermalresistancevalues;(3)themodel
and FEA software is used to evaluate the µModule with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamber while operating the device at the same power
loss as that which was simulated. An outcome of this
process and due-diligence yields a set of derating curves
provided in other sections of this data sheet. After these
laboratory test have been performed and correlated to the
µModulemodel,thentheθJBandθBAaresummedtogether
to correlate quite well with the µModule model with no
airflow or heat sinking in a properly define chamber. This
θJB + θBA value is shown in the Pin Configuration section
and should accurately equal the θJA value because ap-
proximately 100% of power loss flows from the junction
through the board into ambient with no airflow or top
mounted heat sink.
The 1.5V, 2.5V and 3.3V power loss curves in Figures 9
and 10 can be used in coordination with the load current
derating curves in Figures 11 to 15 for calculating an
approximate θJA thermal resistance for the LTM4648 with
variousheatsinkingandairflowconditions. Thepowerloss
curves are taken at room temperature, and are increased
with a multiplicative factor according to the ambient
temperature. This approximate factor is: 1.4 for 120°C.
The derating curves are plotted with the output current
starting at 10A and the ambient temperature at 40°C. The
output voltages are 1.5V, 2.5V and 3.3V. These are chosen
to include the lower and higher output voltage ranges for
correlating the thermal resistance. Thermal models are
derived from several temperature measurements in a
controlled temperature chamber along with thermal mod-
eling analysis. The junction temperatures are monitored
while ambient temperature is increased with and without
airflow.Thepowerlossincreasewithambienttemperature
change is factored into the derating curves. The junctions
LOAD CURRENT (A)
0
0.6
0.8
1.0
6
10
4648 F09
0.4
0.2
0
2
4
8
1.2
1.4
1.6
1.5VOUT
2.5VOUT
LOAD CURRENT (A)
0
1.2
1.6
2.0
8
4648 F10
0.8
0.4
1.0
1.4
1.8
0.6
0.2
0
2
4
6
10
1.5VOUT
2.5VOUT
3.3VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com