Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4613
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 5Page - Linear Technology LTM4613 Datasheet HTML 6Page - Linear Technology LTM4613 Datasheet HTML 7Page - Linear Technology LTM4613 Datasheet HTML 8Page - Linear Technology LTM4613 Datasheet HTML 9Page - Linear Technology LTM4613 Datasheet HTML 10Page - Linear Technology LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4648
9
4648f
For more information www.linear.com/LTM4648
operaTion
Power Module Description
The LTM4648 is a high performance single output stand-
alone nonisolated switching mode DC/DC power supply.
It can provide up to 10A output current with few exter-
nal input and output capacitors. This module provides
precisely regulated output voltage programmable via an
external resistor from 0.6VDC to 5VDC over a 2.375V to
5.5V input range. The typical application schematic is
shown in Figure 18.
The LTM4648 has an integrated constant-frequency cur-
rent mode regulator, power MOSFETs, inductor, and other
supporting discrete components. The typical switching
frequency is 450kHz. For switching noise-sensitive ap-
plications, it can be externally synchronized from 350kHz
to 650kHz. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4648 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, especially with all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvoltage
monitor protects the output voltage in the event of an
overvoltage >10%. The top MOSFET is turned off and the
bottom MOSFET is turned on until the output is cleared.
Pulling the RUN pin below 1.1V forces the regulator into a
shutdown state. The TRACK/SS pin is used for program-
ming the output voltage ramp and voltage tracking during
start-up. See the Application Information section.
The LTM4648 is internally compensated to be stable over
all operating conditions. Table 3 provides a guideline for
input and output capacitances for several operating con-
ditions. The Linear Technology µModule Power Design
Tool will be provided for transient and stability analysis.
The VFB pin is used to program the output voltage with a
single external resistor to ground.
A remote sense amplifier is provided in the LTM4648 for
accuratelysensingoutputvoltages≤3.3Vattheloadpoint.
Multiphase operation can be easily employed with the
synchronization inputs using an external clock source.
See application examples.
High efficiency at light loads can be accomplished with
selectableBurstModeoperationusingtheMODEpin.These
light load features will accommodate battery operation.
Efficiency graphs are provided for light load operation in
the Typical Performance Characteristics section.
A diode connected PNP transistor with base and collector
grounded is included in the module as a general purpose
single-ended temperature monitor. The temperature
monitor is intended to be used as a general temperature
monitor, see Applications Information section
The switching node pins are available for functional opera-
tion monitoring and a resistor-capacitor snubber circuit
can be careful placed on the switching node pin to ground
to dampen any high frequency ringing on the transition
edges.SeetheApplicationsInformationsectionfordetails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com