| Electronic Components Datasheet Search |
|
DLPC3470 Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC3470 Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 70 page ![]() Pat N Pat 1 Pattern Display Internally Generated VSync Pat 0 Pat 1 Trigger Out 1 (Set Trigger) Trigger Out 2 (Pattern Trigger) Pat M Pattern Data Pattern Data Pattern Data Illuminator tDark tExposure tD2 Pat 0 Blue LED Blue LED Blue LED Blue LED Blue LED Blue LED tD2 tD2 tD2 tD2 tD1 tD1 tD2 tDark tExposure tDark tExposure tDark tExposure tExposure tDark tExposure 37 DLPC3470 www.ti.com DLPS110 – APRIL 2018 Product Folder Links: DLPC3470 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated 8.3.1.2.1 Free Running Mode In free running mode the DLPC3470 controller generates an internal synchronization signal to display pre-stored patterns. User sends an I2C command to instruct DLPC3470 controller to start download of the 1D patterns from flash memory into DLPC3470 controller’s internal memory and displaying of the 1D patterns. Figure 21. Free Running Mode • Multiple 1D patterns are displayed within internally generated sync signal. tExposure (exposure time) and tDark (dark time) is same for all the 1D patterns within one internally generated sync signal. • Blue LED is configured to be ON for each pattern. • TRIG_OUT_1 delay (tD1) is configured with reference to internally generated VSync signal. TRIG_OUT_1 is set once within internally generated synchronization signal. • TRIG_OUT_2 delay (tD2) is configured with reference to start of the pattern. TRIG_OUT_2 is set once for each 1D pattern. 8.3.1.2.2 Trigger In Mode Trigger In mode provides higher level of control to the user for displaying patterns. In this mode, user controls when to display the pattern by sending an external trigger signal to the DLPC470 controller. The DLPC3470 controller outputs a Pattern Ready signal to let the user know when DLPC3470 controller is ready to accept an external trigger signal. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |