Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3470 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 34Page - Texas Instruments DLPC3470 Datasheet HTML 35Page - Texas Instruments DLPC3470 Datasheet HTML 36Page - Texas Instruments DLPC3470 Datasheet HTML 37Page - Texas Instruments DLPC3470 Datasheet HTML 38Page - Texas Instruments DLPC3470 Datasheet HTML 39Page - Texas Instruments DLPC3470 Datasheet HTML 40Page - Texas Instruments DLPC3470 Datasheet HTML 41Page - Texas Instruments DLPC3470 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Pat
0
Pattern Display
Pat
N
Trigger Out 1
(Set Trigger)
Trigger Out 2
(Pattern Trigger)
Pat 0
Trigger In
(External)
Pattern Ready
(Output)
Pattern Data
Pattern Data
Pattern Data
Pat 1
Pat M
Blue
LED
Blue
LED
Blue
LED
Blue LED
Blue LED
BLUE LED
Illuminator
Pat
1
tD1
tD1
tD2
tD2
tDark
tExposure
tDark
tExposure
tDark
tDark
Load
tExposure
tDark
tExposure
tDark
tExposure
tD2
tD2
tD2
tD2
38
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 22. Trigger In Mode
•
DLPC3470 controller sets the Pattern Ready signal high to denote that the DLPC3470 controller is ready to
accept external trigger signal.
•
User sends the external trigger signal to the DLPC3470 controller to start displaying next pattern with
predefined TExposure (exposure time) and TDark (dark time).
•
Blue LED is configured to be ON for each pattern.
•
TRIG_OUT_1 delay (tD1) is configured with reference to external trigger signal. TRIG_OUT_1 is set once
when Pattern Ready signal is high.
•
TRIG_OUT_2 delay (tD2) is configured with reference to external trigger signal. TRIG_OUT_2 is set once for
each 1D pattern.
8.3.2 Interface Timing Requirements
This section defines the timing requirements for the external interfaces for the DLPC3470 controller ASIC.
8.3.2.1 Parallel Interface
The parallel interface complies with standard graphics interface protocol, which includes a vertical syncronization
signal (VSYNC_WE), horizontal synchronization signal (HSYNC_CS), optional data valid signal (DATAEN_CMD),
a 24-bit data bus (PDATA), and a pixel clock (PCLK). The polarity of both syncs and the active edge of the clock
are programmable. Figure 4 shows the relationship of these signals. The data valid signal (DATAEN_CMD) is
optional in that the DLPC3470 controller provides auto-framing parameters that can be programmed to define the
data valid window based on pixel and line counting relative to the horizontal and vertical syncs.
In addition to these standard signals, an optional side-band signal (PDM_CVS_TE) is available, which allows
periodic frame updates to be stopped without losing the displayed image. When PDM_CVS_TE is active, it acts
as a data mask and does not allow the source image to be propagated to the display. A programmable PDM
polarity parameter determines if it is active high or active low. This parameter defaults to make PDM_CVS_TE
active high; if this function is not desired, then it should be tied to a logic low on the PCB. PDM_CVS_TE is
restricted to change only during vertical blanking.
NOTE
VSYNC_WE must remain active at all times (in lock-to-VSYNC mode) or the display
sequencer will stop and cause the LEDs to be turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com