Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 3Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 4Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 5Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 6Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 7Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 8Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 9Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 10Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
T7906E
Rev. A – 27-Aug.-01
Programming the T7906E
Programming the T7906E internal registers is done via a simple protocol over the IEEE-
1355 link or directly via the host interface. The link protocol consists of a command byte
and, if necessary, one or more data bytes.
All internal registers are 8-bit wide addressable. Two commands (read and write) suffice
to access all registers of the T7906E.
The T7906E provides registers and ports; a register contains exactly one byte (read /
write), whereas a port (e.g. a FIFO interface) behaves like a FIFO, meaning that multiple
data bytes can be read or written from/to the port.
The ports of the T7906E such as the FIFO, UART, ADC and RAM interface are
accessed by a read/write command to the corresponding port address. In the case of
FIFO, Host, UART and memory interface, a packet oriented access is also possible
(meaning transferring multiple data bytes with a single command).
The read/write selection of a command is done by setting bit7 (msb) of the first byte to
one (read) or zero (write).
Signal Description
This section describes the signals of the T7906E. Groups of signals represent busses
where the highest number is the MSB.
Signal
Direction
Description
max. output load
Signal
[mA]
[pF]
HSEL*
I
when low, the external host selects the T7906E host
interface
HWRnRD
I
host interface write/read signal
if HWRnRD is high during HSEL* low, the host writes
data to the address register or to the T7906E
registers.
if HWRnRD is low during HSEL* low, the host reads
data from the address register or the T7906E
registers.
HDATnADR
I
host interface data/address signal
if HDATnADR is high during read, the host
reads/writes data from/to the internal T7906E
(data) registers.
if HDATnADR is low during read, the host
reads/writes address from/to the address register.
HDATA(7:0)
I/O
T7906E data bus.
This data lines will be used to access
the T7906E registers.
HDATA(7:0) can also be used as GPIO(2), if
Host interface is disabled.
350
HINTR*
O
host interrupt request line
3
50
TMR1_CLK
I
timer1 clock (max. 12.5 MHz)
TMR1_EXP
O
timer1 expired. Asserted for one cycle
if the value of counter1 is equal to the
content of register TPERIOD1(3:0).
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com