Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 36 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 32Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 33Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 34Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 35Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 36Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 37Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 38Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 39Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36
T7906E
Rev. A – 27-Aug.-01
"IDCODE
(010)," &
"HIGHZ
(011)";
attribute INSTRUCTION_CAPTURE of SMCSLITE : entity is
"101";
attribute INSTRUCTION_DISABLE of SMCSLITE : entity is
"HIGHZ";
attribute IDCODE_REGISTER of SMCSLITE : entity is
"0001" &
-- Version
"0101001101001100" &
-- Part number 534C = SL
"00001011000" &
-- ID of manufacturer; MATRA MHS is 58 hex
"1";
-- required by IEEE Std 1149.1-1990 (LSB)
attribute REGISTER_ACCESS of SMCSLITE : entity is
--
"BSREG (EXTEST, SAMPLE)," &
"BOUNDARY (EXTEST, SAMPLE),"&
--
"IDREG (IDCODE)," &
"BYPASS (BYPASS, HIGHZ)";
--
"BPREG (BYPASS, HIGHZ)";
attribute BOUNDARY_CELLS of SMCSLITE : entity is
"BC_1";
-- BC_1: output, control; BC_1: input;
attribute BOUNDARY_LENGTH of SMCSLITE : entity is 155;
attribute BOUNDARY_REGISTER of SMCSLITE : entity is
-- num cell port
func safe [ccell disval rslt]
" 0 (BC_1, LSI,
input, X)," &
" 1 (BC_1, LDI,
input, X)," &
" 2 (BC_1, LSO,
output2, X)," &
" 3 (BC_1, LDO,
output2, X)," &
" 4 (BC_1, BYPPLL,
input, X)," &
" 5 (BC_1, CLK,
input, X)," &
" 6 (BC_1, NRESET,
input, X)," &
" 7 (BC_1, NHINTR,
output2, X)," & -- output2 for internal tristate
" 8 (BC_1, HWRNRD,
input, X)," &
" 9 (BC_1, NHSEL,
input, X)," &
" 10 (BC_1, HDATNADR, input, X)," &
" 11 (BC_1, *
, control, 0)," & -- HOCI Data Output Enable7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com