Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 14Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 15Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 16Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 17Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 18Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 19Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 20Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 21Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
T7906E
Rev. A – 27-Aug.-01
RAM interface read
Notes:
1. ws = wait states (0 - 7)
2. Internal clock runs at 25 MHz, ticlk = 40 ns
Description
Symbol
Min.
Max.
Unit
CS0-3*, WR*, RD* and ADDR valid active low pulse width
t
RRL
40+ws1)*40
42+ws1)*40
ns
CS0-3*, WR*, RD* and ADDR valid inactive high pulse width
t
RRH
38
40
ns
ADDRESS change2)
t
RRA
40+ws1)*40
42+ws1)*40
ns
DATA0-15 setup before CS0-3*, RD* high or new address on ADDR0-15 valid
t
RDS
14
ns
DATA hold after CS0-3*, RD* high or new address on
ADDR0-15
t
RDH
0
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com