Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 5 Page - ATMEL Corporation

  T7906EKT/SC Datasheet HTML 1Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 2Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 3Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 4Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 5Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 6Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 7Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 8Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
T7906E
Rev. A – 27-Aug.-01
Block Diagram
Memory Interface
The RAM interface provides a 16-bit data bus and 16-bit address bus. Four chip select
lines allow to address four different memory partitions (banks). This partitioning into dif-
ferent banks is done using 4 internal address boundary registers. These are 8 bit wide
and provide a minimum page size of 1024 words. The memory interface can be pro-
grammed to use 0 to 7 wait states.
GPIO Interface
The general purpose I/O (GPIO Interface) provides up to 24 bidirectional signal lines.
The direction (input or output) of each GPIO line can be set individually via register.
Data to/from the GPIO lines is written/read via the GPIO data register. The GPIO pro-
vides 8 dedicated I/O lines, the remaining 16 lines of the port are shared with the ADC
address and host data bus. These GPIO lines are available when the corresponding unit
(e.g. the host data bus) of the T7906Eis not being used (disabled).
UART interface
Two independent UARTs are included in the T7906E as well. One UART uses dedi-
cated I/O lines whereas the second UART is sharing its pins with the GPIO port. The
transmit rate of the UARTs in bps can be programmed via a 12-bit wide register with a
maximum bit rate of about 780 kbit/s. The UARTs can optionally use hardware hand-
shake (rts/cts).
Host Interface
Although the T7906E is primarily designed to be remotely controlled, it can nevertheless
be programmed and controlled by a local host if required. For that purpose a host inter-
face provides 8 multiplexed data and address lines.
Timers / Event Counter
Two 32-bit on-chip timers are available on the T7906E. Each timer provides a 32 bit
counter and a 32 bit reload register. The two timers can be operated independently or
JTAG
UART
GPIO
Link
Interface
Host
Interface
system
util.
system
util.
Internal
Controller
Timer
ADC
I/F
ADC
I/F
ADC
I/F
ADC
I/F
DAC
I/F
RAM
I/F
FIFO
I/F
Internal
bus
control
& data control
address/command
bus
Internal control
data bus
transmit/receive
data bus
28
16
2
2
12
4
8
5
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com