Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 2Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 3Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 4Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 5Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 6Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 7Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 8Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 9Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
T7906E
Rev. A – 27-Aug.-01
cascaded. The timers can also be used to set an external signal when the timeout value
is reached.
Configuration
After a chip reset the T7906E is configured by the internal controller. This can be either
by receiving the configuration data from the IEEE-1355 link or by an external controller
connected to the host port of the T7906E.
Shared I/O
Some of the functions of the T7906E presented above share the same I/O pins. This
means, that some functions are mutually exclusive. As an example, the GPIO port
shares some of its I/O pins with the host interface. If the host interface is not used, these
pins are available for GPIO, otherwise they are used as the host address and data bus.
The selection of which functions are being used is made by programming the appropri-
ate registers after a chip reset. A short overview of the pin allocation and combinations
of functions is given in the table below:
Note:
If the passive FIFO mode is used on the T7906E, the ADC and DAC interfaces can then
not be used.
JTAG interface
For testing purposes a standard IEEE 1149.1 interface is provided. It supports the JTAG
functions Bypass, Extest, Sample/Preload, All-Tristate and IDCode.
Interface Type
Example Mode
Interface Type
Example Mode
12
3
Host / GPIO2
•
•
•
Timer1
•
•
•
Timer2
•
•
•
UART1
•
•
•
UART2
•
•
•
GPIO0
GPIO7-0
-
GPIO7-0
GPIO1
IOB7-0
IOB7-0
FIFO
active mode
-
passive mode
RAM
-
•
-
ADC
•
-
-
DAC
•
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com