Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 28 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 24Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 25Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 26Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 27Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 28Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 29Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 30Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 31Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
28
T7906E
Rev. A – 27-Aug.-01
Test Port (JTAG)
Description
Symbol
Min.
Max.
Unit
TCK period
tTCK
100
ns
TCK width high
tTCKH
40
ns
TCK width low
tTCKL
40
ns
TMS, TDI setup before TCK high
tTIS
8ns
TMS, TDI hold after TCK high
tTIH
8
TDO delay after TCK low
tTDO
17
SMCS Inputs setup before TCK high
tSYSS
8ns
SMCS Inputs hold after TCK high
tSYSM
8ns
SMCS Outputs delay after TCK low
tSYSO
27
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com