Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7906EKT/SC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T7906EKT/SC
Description  Single Point to Point IEEE 1355 High Speed Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EKT/SC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T7906EKT/SC Datasheet HTML 4Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 5Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 6Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 7Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 8Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 9Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 10Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 11Page - ATMEL Corporation T7906EKT/SC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
T7906E
Rev. A – 27-Aug.-01
Note:
1. IOB15-0, IOB21-18: 6 mA
IOB17-16: 8mA
IOB24-22: 3mA
IOB27-25: input only
All inputs have an internal pull-up resistor, with the following exceptions, which have an
internal pull-down resistor: LDI, LSI, TRST*, TMS.
TMR2_CLK
I
timer2 clock (max. 12.5 MHz)
TMR2_EXP.
O
timer2 expired. Asserted for one cycle
if the value of counter2 is equal to the
content of register TPERIOD2(3:0)
3
50
RxD1
I
receive data to UART1
TxD1
O
transmit data from UART1
3
50
LDI
I
Link Data Input
LSI
I
Link Strobe Input
LDO
O
Link Data Output
12
25
LSO
O
Link Strobe Output
12
25
DATA(15:0)
I/O
common T7906E data bus
3
25
GPIO(7:0)
I/O
General purpose input/output lines.
3
25
IOB(27:0)
I/O
Control bus. The T7906E controls the connected
interface via these lines. The function of each control
signal is described in a separate table.
see note (1)
25
TRST*
I
Test Reset. Resets the test state machine.
TCK
I
Test Clock. Provides an asynchronous clock for JTAG
boundary scan
TMS
I
Test Mode Select. Used to control the test state
machine. This input should be left unconnected or tied
to ground during normal operation!
TDI
I
Test Data Input. Provides serial data for the boundary
scan logic
TDO
O/Z
Test Data Output. Serial scan output of the boundary
scan path
350
RESET*
I
T7906E Reset. Sets the T7906E to a known state.
This input must be asserted (low) at power-up. The
minimum width of RESET low is 2 cycles when CLK is
running
CLK
I
External clock input to T7906E (max. 5 MHz)
PLLOUT
O
Output of internal PLL. Used to connect a network of
external RC devices
VCC
Power Supply
GND
Ground
Signal
Direction
Description
max. output load
Signal
[mA]
[pF]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com