| Electronic Components Datasheet Search |
|
TDA9554PS Datasheet(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9554PS Datasheet(HTML) 49 Page - NXP Semiconductors |
|
49 / 125 page ![]() 2000 Jun 22 49 Philips Semiconductors Tentative Device Specification TV signal processor-Teletext decoder with embedded µ-Controller TDA955X/6X/8X PS/N1 series SERIAL CHARACTER CODING Table 18 Serial Character Coding TXT MODE Character coding is in a serial format, with only one attributes being changed at any single location. The serial attributes take effect either at the position of the attribute (Set At), or at the following location (Set After). The attribute remainseffective until either modified by new serial attributes or until the end of the row.The default settings at the start of a row is: • foreground colour white (CLUT Address 7) • background colour black (CLUT Address 8) Bits Description Serial Mode 0 (“set at”) Serial Mode 1 Char.Pos. 1 (“set at”) Char.Pos. >1 (“set after”) 0-3 4 bits for 16 Background colours 4 bits for 16 Background colours 4 bits for 16 Background colours 4 0 = Underline OFF 1 = Underline ON Horizontal Size: 0 = normal 1=x2 0 = Underline OFF 1 = Underline ON 5 0 = Overline OFF 1 = Overline ON Vertical Size: 0 = normal 1=x2 0 = Overline OFF 1 = Overline ON 6 Display mode: 0 = Superimpose 1 = Boxing Display mode: 0 = Superimpose 1 = Boxing Display mode: 0 = Superimpose 1 = Boxing 7 0 = Flash OFF 1 = Flash ON Foreground colour switch 0 = Bank 0 (colours 0-7) 1 = Bank 1 (colours 8-15) Foreground colour switch 0 = Bank 0 (colours 0-7) 1 = Bank 1 (colours 8-15) 8 0 = Italics OFF 1 = Italics ON Background colour duration: 0 = stop BGC 1 = set BGC to end of row Background colour duration (set at): 0 = stop BGC 1 = set BGC to end of row 9 0 = Fringing OFF 1 = Fringing ON End of Row 0 = Continue Row 1 = End Row End of Row (set at): 0 = Continue Row 1 = End Row 10 Switch for Serial coding mode 0 and 1: 0 = mode 0 Switch for Serial coding mode 0 and 1: 1 = mode 1 Switch for Serial coding mode 0 and 1: 1 = mode 1 11 Mode bit: 1 = Serial code Mode bit: 1 = Serial code Mode bit: 1 = Serial code |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |