Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9554PS Datasheet HTML 1Page - NXP Semiconductors TDA9554PS Datasheet HTML 2Page - NXP Semiconductors TDA9554PS Datasheet HTML 3Page - NXP Semiconductors TDA9554PS Datasheet HTML 4Page - NXP Semiconductors TDA9554PS Datasheet HTML 5Page - NXP Semiconductors TDA9554PS Datasheet HTML 6Page - NXP Semiconductors TDA9554PS Datasheet HTML 7Page - NXP Semiconductors TDA9554PS Datasheet HTML 8Page - NXP Semiconductors TDA9554PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
2000 Jun 22
5
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltages
−
8.0/3.3
−
V
IP
supply current
−
tbf
−
mA
Input voltages
ViVIFrms)
video IF amplifier sensitivity (RMS value)
−
35
−µV
ViSIF(rms)
QSS sound IF amplifier sensitivity (RMS value)
−
60
−µV
ViAUDIO(rms)
external audio input (RMS value)
−
500
−
mV
ViCVBS(p-p)
external CVBS/Y input (peak-to-peak value)
−
1.0
−
V
ViCHROMA(p-p) external chroma input voltage (burst amplitude)
(peak-to-peak value)
−
0.3
−
V
ViRGB(p-p)
RGB inputs (peak-to-peak value)
−
0.7
−
V
ViY(p-p)
luminance input signal (peak-to-peak value)
−
1.4 / 1.0
−
V
ViU(p-p) /
ViPB(p-p)
U / PB input signal (peak-to-peak value)
−−1.33 /
+0.7
−
V
ViV(p-p) /
ViPR(p-p)
V / PR input signal (peak-to-peak value)
−−1.05 /
+0.7
−
V
Output signals
Vo(IFVO)(p-p)
demodulated CVBS output (peak-to-peak value)
−
2.0
−
V
Vo(QSSO)(rms)
sound IF intercarrier output in QSS versions (RMS value)
−
100
−
mV
Vo(AMOUT)(rms) demodulated AM sound output in QSS versions (RMS
value)
−
500
−
mV
Vo(CVBSO)(p-p) selected CVBS output (peak-to-peak value)
−
2.0
−
V
Io(AGCOUT)
tuner AGC output current range
0
−
5mA
VoRGB(p-p)
RGB output signal amplitudes (peak-to-peak value)
−
2.0
−
V
IoHOUT
horizontal output current
10
−−
mA
IoVERT
vertical output current (peak-to-peak value)
1
−−
mA
IoEWD
EW drive output current
1.2
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com