Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9554PS Datasheet(PDF) 97 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors TDA9554PS Datasheet HTML 95Page - NXP Semiconductors TDA9554PS Datasheet HTML 96Page - NXP Semiconductors TDA9554PS Datasheet HTML 97Page - NXP Semiconductors TDA9554PS Datasheet HTML 98Page - NXP Semiconductors TDA9554PS Datasheet HTML 99Page - NXP Semiconductors TDA9554PS Datasheet HTML 100Page - NXP Semiconductors TDA9554PS Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
2000 Jun 22
97
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
C.4.131
gain control range to
compensate spreads in picture
tube characteristics for the
2-point black -current
stabilization system
−±6
−
dB
C.4.14
variation of black level with
temperature
note 6
−
1.0
−
mV/K
C.4.141
black level off-set adjustment on
the Red and Green channel
63 steps
tbf
±160
tbf
mV
C.4.15
relative variation in black level
between the three channels
during variations of
note 6
C.4.16
supply voltage (
±10%)
nominal controls
−−
tbf
mV
C.4.17
saturation (50 dB)
nominal contrast
−−
tbf
mV
C.4.18
contrast (20 dB)
nominal saturation
−−
tbf
mV
C.4.19
brightness (
±0.5 V)
nominal controls
−−
tbf
mV
C.4.20
temperature (range 40
°C)
−−
tbf
mV
C.4.21
signal-to-noise ratio of the output
signals
RGB input; note 59
60
−−
dB
C.4.22
CVBS input; note 59
50
−−
dB
C.4.23
residual voltage at the RGB
outputs (peak-to-peak value)
at fosc
−−
15
mV
C.4.24
at 2fosc plus higher harmonics −−
15
mV
C.4.25
bandwidth of output signals
RGB input; at
−3 dB
tbf
15
−
MHz
C.4.26
CVBS input; at
−3 dB;
fosc = 3.58 MHz
−
2.8
−
MHz
C.4.27
CVBS input; at
−3 dB;
fosc = 4.43 MHz
−
3.4
−
MHz
C.4.28
S-VHS input; at
−3dB
5
−−
MHz
WHITE-POINT ADJUSTMENT
C.5.1
I2C-bus setting for nominal gain
HEX code
−
20H
−
C.5.2
adjustment range of the relative
R, G and B drive levels
AKB = 0
−
+2.2/-3.2
−
dB
C.5.21
AKB = 1
−±1
−
dB
2-POINT BLACK-CURRENT STABILIZATION, NOTES 60
C.6.1
amplitude of ‘low’ reference
current
−
8
−µA
C.6.2
amplitude of ‘high’ reference
current
−
40
−µA
C.6.3
acceptable leakage current
−±75
−µA
C.6.4
maximum current during scan
−
tbf
−
mA
C.6.5
input impedance
during measuring pulses
−
200
−Ω
C.6.5
during scan
−
tbf
−
k
Ω
C.6.7
minimum input current to
activate the guard circuit
note 61
−
0.1
−
mA
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com